Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2FL10CA Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S2FL10CA Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S2FL10CA
Download  S2FL10CA Download
File Size   311.38 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5V ~ 220V 200W Peak Power Surface Mount TVS

S2FL10CA Datasheet (PDF)

Go To PDF Page Download Datasheet
S2FL10CA Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S2FL10CA
Download  S2FL10CA Click to download

File Size   311.38 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5V ~ 220V 200W Peak Power Surface Mount TVS

S2FL10CA Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - S2FL10CA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S2F SEMTECH-S2F Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
logo
List of Unclassifed Man...
S2F ETC2-S2F Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
logo
Vishay Siliconix
S2F VISHAY-S2F Datasheet
140Kb / 8P
Fast Acting Thin Film Chip Fuses
09-Oct-2025
logo
Nihon Kaiheiki Industry...
S2F NKK-S2F Datasheet
446Kb / 5P
Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S2F-C PANDUIT-S2F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
More results


Similar Description - S2FL10CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
400W Peak Power Surface Mount TVS
SFS5 SECOS-SFS5_15 Datasheet
340Kb / 3P
200W Peak Power TVS
SSDJ SECOS-SSDJ_15 Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
5V ~ 85V, 600W Peak Power Surface Mount TVS
SSDJ SECOS-SSDJ Datasheet
269Kb / 4P
200W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
Peak Power Surface Mount TVS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com