Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-APLC6 Datasheet (PDF) - AAEON Technology

COM-APLC6 Datasheet PDF - AAEON Technology
Part # COM-APLC6
Download  COM-APLC6 Download
File Size   448.41 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description SODIMM DDR3L 1867 x 2 up to 8 GB, ECC only

COM-APLC6 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM-APLC6 Datasheet PDF - AAEON Technology

Part # COM-APLC6
Download  COM-APLC6 Click to download

File Size   448.41 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description SODIMM DDR3L 1867 x 2 up to 8 GB, ECC only

COM-APLC6 Datasheet (HTML) - AAEON Technology




Similar Part No. - COM-APLC6

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
More results


Similar Description - COM-APLC6

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB211 AXIOMTEK-SHB211 Datasheet
180Kb / 1P
2 DDR3 SODIMM support up to 8 GB
EBOX626-841-FL AXIOMTEK-EBOX626-841-FL Datasheet
251Kb / 1P
High performance 204-pin DDR3L-1066/1333 SODIMM max. up to 8 GB
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
2 DDR3L SO-DIMM supports up to 8 GB memory capacity
CEM842 AXIOMTEK-CEM842 Datasheet
241Kb / 1P
2 DDR3L-1066/1333 SO-DIMMs max. up to 8 GB
CEM880 AXIOMTEK-CEM880_16 Datasheet
268Kb / 1P
On-board 4 GB DDR3L and 1 DDR3L SO-DIMM up to 8 GB
logo
AAEON Technology
COM-BYTC2 AAEON-COM-BYTC2 Datasheet
406Kb / 2P
DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
EMB-BSW1 AAEON-EMB-BSW1 Datasheet
430Kb / 2P
DDR3L 1333/1600 MHz SODIMM x 2, Up to 8 GB
EMB-BSW2 AAEON-EMB-BSW2 Datasheet
456Kb / 2P
DDR3L 1600 MHz SODIMM x 1, Up to 8 GB
logo
Advantech Co., Ltd.
SOM-5894 ADVANTECH-SOM-5894_16 Datasheet
957Kb / 2P
Dual DDR3L-1333/1600 SODIMM sockets up to 16 GB
SOM-6894 ADVANTECH-SOM-6894 Datasheet
567Kb / 2P
Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com