Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-APLC6 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-APLC6
Description  SODIMM DDR3L 1867 x 2 up to 8 GB, ECC only
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-APLC6 Datasheet(HTML) 2 Page - AAEON Technology

  COM-APLC6 Datasheet HTML 1Page - AAEON Technology COM-APLC6 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit: mm
Block Diagram
Dimension
Unit: mm
COM-APLC6
Ordering Information
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
UART
Expansion Slot
Power
Power Temp Others
COM-APLC6-A10-0001 6 (COM.0 Rev 2.1)
Intel® E3950
DDR3L-ECC SODIMM Socket
upto 8GB max.
CRT, LVDS/eDP
DDI x 1, MiPi-DSI
18/24b 2CH (LVDS
share with eDP)
SATA x 2
uSD
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 3 (devices)
MiPi-CSI x 2
12V
0
°C~60°C
—
PCIe [x 1] * 1
TYPE 6
ITE
IT8528
GPIO
SMBus
SPI
LPC
TX/RX * 2
Intel ®
GbE Ethernet
I210/i211
GBE
USB3.0 * 2
PCIe [x1] * 3 or PCIe [x2] *1
SATA * 2 (SATA2 default to onboard SSD)
I2C
BIOS
SPI
USB2.0 * 8
TPM
(option)
LPC
Intel®
Apollp Lake
DDR3L-ECC SO-DIMM
Channel B
DDR3L-ECC SO-DIMM
Channel A
LVDS (eDP to LVDS)
VGA (DDI to VGA)
DDI * 2 (DDI2 default to VGA)
MiPi CSI-4 lane
MiPi CSI-2 lane
MiPi DSI
SDIO
uSD (option)
CSI Conn.
CSI Conn.
DSI Conn.
06-1
06-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com