Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-APLC6 Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-APLC6
Description  SODIMM DDR3L 1867 x 2 up to 8 GB, ECC only
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-APLC6 Datasheet(HTML) 1 Page - AAEON Technology

  COM-APLC6 Datasheet HTML 1Page - AAEON Technology COM-APLC6 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DDR3L SODIMM x 2 (ECC Only)
Features
Specifications
COM-APLC6
COM Express Type 6 with Intel® Atom™ E39xx Series Processor SoC
■
■ Intel® Atom@ E39xx Series Processor SoC
■
■ SODIMM DDR3L 1867 x 2 up to 8 GB, ECC only
■
■ Intel® I210 Gigabit Ethernet
■
■ VGA, 18/24-bit 2CH LVDS/eDP, DDI up to 2
■
■ High Definition Audio Interface
■
■ SATA Gen3 x 2
■
■ USB2.0 x 8, (Include USB 2.0/3.0 x 2)
■
■ PCI-Express: 3 Devices Max
■
■ 12V DC Input
■
■ COM Express Type 6 Size
■
■ 95mm x 95mm
System
Form Factor
COM Express, Compact, Pin-out Type 6
CPU
Onboard Intel® Atom™ SoC
CPU Frequency
Intel® Atom™ E39xx
Chipset
Intel® Atom™ SoC
Memory Type
DDR3L1867, SODIMM x 2, ECC only
Max. Memory Capacity
8GB
BIOS
AMI BIOS
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
Nominal: +12V
Power Supply Type
AT/ ATX
Power Consumption
(Typical)
E3950 TDP: 12W
Dimension (L x W)
3.74" x 3.74" (95mm x 95mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (hours)
—
Certification
CE/FCC
Display
VGA/LCD Controller
Intel® Atom™ SoC Integrated
Video Output
CRT, LVDS/(eDP), DDI
I/O
Ethernet
Intel® 210, Gigabit Ethernet
Audio
High Definition Audio Interface
USB Port
USB 2.0 x 6, USB 2.0/3.0 x 2
Serial Port
Tx/Rx x 2
Parallel Port
—
HDD Interface
SATA x 2
FDD Interface
—
SSD
—
Expansion Slot
PCI-Express[x1] x 3 (devices)
LPC Bus x 1 SMbus x 1
DIO
GPIO 8-bit
• M2.5 Screw x 4
• Product CD
• COM-APLC6
Packing List
Optional Accessories
• COM-APLC6-HSP01
Heat Spreader, For COM-APLC6
• COM-FAN02
CPU Cooler, 95 x 95 x 26.5mm, Sliver, use with HSP
• ECB-920A-A10-0001
COMe Type 1/6/10, Carrier Board, ATX, GbE, 8 USB, 2 COM, 4 SATA, PCIe, AT/ATX, Legacy Free, Rev. A1.0
06
06-1
06-2
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.


Similar Part No. - COM-APLC6

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-08033 SPARKFUN-COM-08033 Datasheet
220Kb / 2P
Button Pad 4x4 ??Breakout PCB
8????7
COM-08643 SPARKFUN-COM-08643 Datasheet
116Kb / 2P
Magnet Square ??0.25"||"8????7
COM-08644 SPARKFUN-COM-08644 Datasheet
119Kb / 2P
Magnet Square ??0.125"||"8????7
COM-08890 SPARKFUN-COM-08890 Datasheet
78Kb / 1P
Magnet Disk - 0.709"||"8????7
COM-08914 SPARKFUN-COM-08914 Datasheet
107Kb / 2P
Magnet Ring - 3/16"||"8????7
More results

Similar Description - COM-APLC6

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB211 AXIOMTEK-SHB211 Datasheet
180Kb / 1P
2 DDR3 SODIMM support up to 8 GB
EBOX626-841-FL AXIOMTEK-EBOX626-841-FL Datasheet
251Kb / 1P
High performance 204-pin DDR3L-1066/1333 SODIMM max. up to 8 GB
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
2 DDR3L SO-DIMM supports up to 8 GB memory capacity
CEM842 AXIOMTEK-CEM842 Datasheet
241Kb / 1P
2 DDR3L-1066/1333 SO-DIMMs max. up to 8 GB
CEM880 AXIOMTEK-CEM880_16 Datasheet
268Kb / 1P
On-board 4 GB DDR3L and 1 DDR3L SO-DIMM up to 8 GB
logo
AAEON Technology
COM-BYTC2 AAEON-COM-BYTC2 Datasheet
406Kb / 2P
DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
EMB-BSW1 AAEON-EMB-BSW1 Datasheet
430Kb / 2P
DDR3L 1333/1600 MHz SODIMM x 2, Up to 8 GB
EMB-BSW2 AAEON-EMB-BSW2 Datasheet
456Kb / 2P
DDR3L 1600 MHz SODIMM x 1, Up to 8 GB
logo
Advantech Co., Ltd.
SOM-5894 ADVANTECH-SOM-5894_16 Datasheet
957Kb / 2P
Dual DDR3L-1333/1600 SODIMM sockets up to 16 GB
SOM-6894 ADVANTECH-SOM-6894 Datasheet
567Kb / 2P
Supports Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com