Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3221NNMHR Datasheet (PDF) - E-CMOS Corporation

EC3221NNMHR Datasheet PDF - E-CMOS Corporation
Part # EC3221NNMHR
Download  EC3221NNMHR Download
File Size   1029.26 Kbytes
Page   16 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description 1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator

EC3221NNMHR Datasheet (PDF)

Go To PDF Page Download Datasheet
EC3221NNMHR Datasheet PDF - E-CMOS Corporation

Part # EC3221NNMHR
Download  EC3221NNMHR Click to download

File Size   1029.26 Kbytes
Page   16 Pages
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation
Description 1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator

EC3221NNMHR Datasheet (HTML) - E-CMOS Corporation




Similar Part No. - EC3221NNMHR

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC322 DFI-EC322 Datasheet
1Mb / 4P
3rd/2nd Gen Intel® CoreTM Modular-Designed Embedded Systems
EC322-CR4866 DFI-EC322-CR4866 Datasheet
1Mb / 4P
3rd/2nd Gen Intel® CoreTM Modular-Designed Embedded Systems
EC322-CR4G65 DFI-EC322-CR4G65 Datasheet
1Mb / 4P
3rd/2nd Gen Intel® CoreTM Modular-Designed Embedded Systems
EC322-CR6881 DFI-EC322-CR6881 Datasheet
1Mb / 4P
3rd/2nd Gen Intel® CoreTM Modular-Designed Embedded Systems
EC322-CR6G60 DFI-EC322-CR6G60 Datasheet
1Mb / 4P
3rd/2nd Gen Intel® CoreTM Modular-Designed Embedded Systems
More results


Similar Description - EC3221NNMHR

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
FP6165 FEELING-FP6165 Datasheet
677Kb / 20P
1.5MHz, 3A Synchronous Step-Down Regulator
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6821 TECHCODE-TD6821 Datasheet
964Kb / 18P
1.5MHz Dual 1.5A Synchronous Step Down Regulator
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com