Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7232CSZ Datasheet (PDF) - Intersil Corporation

EL7232CSZ Datasheet PDF - Intersil Corporation
Part # EL7232CSZ
Download  EL7232CSZ Download
File Size   113.92 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel, High Speed, High Current Line Driver w/3-State

EL7232CSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7232CSZ Datasheet PDF - Intersil Corporation

Part # EL7232CSZ
Download  EL7232CSZ Click to download

File Size   113.92 Kbytes
Page   6 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Channel, High Speed, High Current Line Driver w/3-State

EL7232CSZ Datasheet (HTML) - Intersil Corporation


EL7232CSZ Product details

Dual Channel, High Speed, High Current Line Driver w/3-State

The EL7232 3-state drivers are particularly well suited for ATE and microprocessor based applications. The low quiescent power dissipation makes this part attractive in battery applications. The 2A peak drive capability, makes the EL7232 an excellent choice when driving high speed capacitive lines, as well. The input circuitry provides level shifting from TTL levels to the supply rails. The EL7232 is available in 8-pin PDIP and 8-lead SO packages.

Features
• 3-State output
• 3V and 5V input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
• 2A Peak drive
• Low, matched output impedance—5Ω
• Low quiescent current — 2.5mA
• Wide operating voltage — 4.5V-16V
• Pb-Free available (RoHS compliant)

Applications
• Parallel bus line drivers
• EPROM and PROM programming
• Motor controls
• Charge pumps
• Sampling circuits
• Pin drivers
• Bridge circuits




Similar Part No. - EL7232CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7232CSZ INTERSIL-EL7232CSZ Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
EL7232CSZ INTERSIL-EL7232CSZ Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
logo
Renesas Technology Corp
EL7232CSZ RENESAS-EL7232CSZ Datasheet
481Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Intersil Corporation
EL7232CSZ-T13 INTERSIL-EL7232CSZ-T13 Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
EL7232CSZ-T13 INTERSIL-EL7232CSZ-T13 Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
More results


Similar Description - EL7232CSZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Elantec Semiconductor
EL7232C ELANTEC-EL7232C Datasheet
199Kb / 8P
Dual Channel, High Speed, High Current Line Driver w/3-State
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
logo
Intersil Corporation
EL7232 INTERSIL-EL7232_06 Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
logo
NXP Semiconductors
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL7232 RENESAS-EL7232 Datasheet
481Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com