Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7232CSZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7232CSZ
Description  Dual Channel, High Speed, High Current Line Driver w/3-State
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7232CSZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL7232CSZ Datasheet HTML 1Page - Intersil Corporation EL7232CSZ Datasheet HTML 2Page - Intersil Corporation EL7232CSZ Datasheet HTML 3Page - Intersil Corporation EL7232CSZ Datasheet HTML 4Page - Intersil Corporation EL7232CSZ Datasheet HTML 5Page - Intersil Corporation EL7232CSZ Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
FN7283.1
EL7232
Dual Channel, High Speed, High Current
Line Driver w/3-State
The EL7232 3-state drivers are particularly well suited for
ATE and microprocessor based applications. The low
quiescent power dissipation makes this part attractive in
battery applications. The 2A peak drive capability, makes the
EL7232 an excellent choice when driving high speed
capacitive lines, as well. The input circuitry provides level
shifting from TTL levels to the supply rails. The EL7232 is
available in 8-pin PDIP and 8-lead SO packages.
Features
• 3-State output
• 3V and 5V input compatible
• Clocking speeds up to 10MHz
• 20ns Switching/delay time
•2A Peak drive
• Low, matched output impedance—5
Ω
• Low quiescent current — 2.5mA
• Wide operating voltage — 4.5V-16V
•
Pb-Free available (RoHS compliant)
Applications
• Parallel bus line drivers
• EPROM and PROM programming
• Motor controls
• Charge pumps
• Sampling circuits
• Pin drivers
• Bridge circuits
Pinout
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL7232CN
8-Pin PDIP
-
MDP0031
EL7232CS
8-Pin SO
-
MDP0027
EL7232CS-T7
8-Pin SO
7”
MDP0027
EL7232CS-T13
8-Pin SO
13”
MDP0027
EL7232CSZ
(See Note)
8-Pin SO
(Pb-free)
-
MDP0027
EL7232CSZ-T7
(See Note)
8-Pin SO
(Pb-free)
7”
MDP0027
EL7232CSZ-T13
(See Note)
8-Pin SO
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Truth Table
3-STATE
INPUT
OUTPUT
10
1
11
0
00
Open
01
Open
Manufactured under U.S. Patent Nos. 5,334,883, #5,341,047
EL7232
(8-PIN PDIP, SO)
TOP VIEW
Data Sheet
April 11, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL7232CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7232CSZ INTERSIL-EL7232CSZ Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
EL7232CSZ INTERSIL-EL7232CSZ Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
logo
Renesas Technology Corp
EL7232CSZ RENESAS-EL7232CSZ Datasheet
481Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
logo
Intersil Corporation
EL7232CSZ-T13 INTERSIL-EL7232CSZ-T13 Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
EL7232CSZ-T13 INTERSIL-EL7232CSZ-T13 Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
More results

Similar Description - EL7232CSZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Elantec Semiconductor
EL7232C ELANTEC-EL7232C Datasheet
199Kb / 8P
Dual Channel, High Speed, High Current Line Driver w/3-State
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
logo
Intersil Corporation
EL7232 INTERSIL-EL7232_06 Datasheet
213Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
July 5, 2006
logo
NXP Semiconductors
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI1-UA9638C_12 Datasheet
411Kb / 12P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
EL7232CN INTERSIL-EL7232CN Datasheet
224Kb / 7P
Dual Channel, High Speed, High Current Line Driver with 3-State
December 14, 2007
logo
Texas Instruments
UA9638C-EP TI1-UA9638C-EP_14 Datasheet
518Kb / 11P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL7232 RENESAS-EL7232 Datasheet
481Kb / 8P
Dual Channel, High Speed, High Current Line Driver with 3-State
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com