Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5360IU Datasheet (PDF) - Intersil Corporation

EL5360IU Datasheet PDF - Intersil Corporation
Part # EL5360IU
Download  EL5360IU Download
File Size   941.99 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Low-Power Current Feedback Amplifiers

EL5360IU Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5360IU Datasheet PDF - Intersil Corporation

Part # EL5360IU
Download  EL5360IU Click to download

File Size   941.99 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Low-Power Current Feedback Amplifiers

EL5360IU Datasheet (HTML) - Intersil Corporation


EL5360IU Product details

The EL5160, EL5161, EL5260, EL5261, and EL5360 are current feedback amplifiers with a bandwidth of 200MHz and operate from just 0.75mA supply current. This makes these amplifiers ideal for today’s high speed video and monitor applications.

With the ability to run from a single supply voltage from 5V to 10V, these amplifiers are ideal for handheld, portable, or battery-powered equipment.



Features

• 200MHz -3dB bandwidth

• 0.75mA supply current

• 1700V/µs slew rate

• Single and dual supply operation, from 5V to 10V supply span

• Fast enable/disable (EL5160, EL5260 and EL5360 only)

• Available in SOT-23 packages

• Pb-Free plus anneal available (RoHS compliant)



Applications

• Battery-powered equipment

• Handheld, portable devices

• Video amplifiers

• Cable drivers

• RGB amplifiers

• Test equipment

• Instrumentation

• Current-to-voltage converters



 




Similar Part No. - EL5360IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5360IU INTERSIL-EL5360IU Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL5360IU-T7 INTERSIL-EL5360IU-T7 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5360IUZ RENESAS-EL5360IUZ Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL5360IUZ-T13 RENESAS-EL5360IUZ-T13 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL5360IUZ-T7 RENESAS-EL5360IUZ-T7 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
More results


Similar Description - EL5360IU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
200MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
300MHz Low Power Current Feedback Amplifiers with Enable
September 8, 2005
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
200MHz Current Feedback Amplifier
September 20, 2002
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
200MHz Current Feedback Amplifier
September 26, 2001
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
500MHz Low Power Current Feedback Amplifiers with Enable
March 16, 2007
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
500MHz Low Power Current Feedback Amplifiers with Enable
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com