Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1008K Datasheet (PDF) - NEC

UPB1008K Datasheet PDF - NEC
Part # UPB1008K
Download  UPB1008K Download
File Size   281.95 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs LOW POWER GPS RF RECEIVER

UPB1008K Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1008K Datasheet PDF - NEC

Part # UPB1008K
Download  UPB1008K Click to download

File Size   281.95 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs LOW POWER GPS RF RECEIVER

UPB1008K Datasheet (HTML) - NEC


UPB1008K Product details

DESCRIPTION
The µPB1008K is a silicon monolithic integrated circuit for GPS receiver. This IC is designed as double conversion RF block integrated Pre-Amplifier + RF/IF down-converter + PLL frequency synthesizer on 1 chip.
This IC has IQ recovery function, builds a 2-bit A/D converter in both I channels and Q channels, respectively, and carries them in 36-pin plastic QFN package.
This IC is manufactured using our 30 GHz fmax UHS0 (Ultra High Speed Process) silicon bipolar process.

FEATURES
• Double conversion : fREFin = 27.456 MHz, f1stIFin = 175.164 MHz, f2ndIFin = 132 kHz
• Integrated RF block : Pre-Amplifier + RF/IF frequency down-converter + PLL frequency synthesizer
                                   : The 2-bit A/D converter is unified to single chip.
• Needless to input counter data : fixed division internal prescaler
    • VCO side division : ÷102 (÷8, ÷12.75 serial prescaler)
    • Reference division : ÷2
• Supply voltage : VCC = 2.7 to 3.3 V
• Low current consumption : ICC = 18.0 mA TYP. @ VCC = 3.0 V
• Gain adjustable externally : Gain control voltage pin (control voltage up vs. gain down)
• Power-save function : Power-save dark current ICC(PD) = 10 µA MAX.
• High-density surface mountable : 36-pin plastic QFN

APPLICATIONS
• Consumer use GPS receiver of reference frequency 27.456 MHz, 2nd IF frequency 132 kHz (for general use)




Similar Part No. - UPB1008K

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPB1008K CEL-UPB1008K Datasheet
440Kb / 10P
LOW POWER GPS RF RECEIVER
logo
Renesas Technology Corp
UPB1008K RENESAS-UPB1008K Datasheet
367Kb / 27P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
logo
California Eastern Labs
UPB1008K-A CEL-UPB1008K-A Datasheet
440Kb / 10P
LOW POWER GPS RF RECEIVER
logo
Renesas Technology Corp
UPB1008K-E1 RENESAS-UPB1008K-E1 Datasheet
367Kb / 27P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
More results


Similar Description - UPB1008K

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
NEC
UPB1009K NEC-UPB1009K Datasheet
344Kb / 27P
NECs LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
EZGPM01 ETC-EZGPM01 Datasheet
387Kb / 10P
GPS RECEIVER
logo
California Eastern Labs
UPB1008K CEL-UPB1008K Datasheet
440Kb / 10P
LOW POWER GPS RF RECEIVER
UPB1009K CEL-UPB1009K Datasheet
2Mb / 28P
LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Princeton Technology Co...
PT9120 PTC-PT9120 Datasheet
567Kb / 18P
GPS Receiver RF Front End IC
logo
STMicroelectronics
STA5630 STMICROELECTRONICS-STA5630 Datasheet
85Kb / 7P
Low power GPS RF front-end
22-Jul-2009
logo
Princeton Technology Co...
PT9120 PTC-PT9120_10 Datasheet
626Kb / 12P
GPS Receiver RF Front End IC
logo
List of Unclassifed Man...
GPS100 ETC2-GPS100 Datasheet
103Kb / 4P
GPS Receiver
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com