Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOE6SF Datasheet (PDF) - OSRAM GmbH

LOE6SF Datasheet PDF - OSRAM GmbH
Part # LOE6SF
Download  LOE6SF Download
File Size   493.48 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Signal and Symbol Luminary

LOE6SF Datasheet (PDF)

Go To PDF Page Download Datasheet
LOE6SF Datasheet PDF - OSRAM GmbH

Part # LOE6SF
Download  LOE6SF Click to download

File Size   493.48 Kbytes
Page   21 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Signal and Symbol Luminary

LOE6SF Datasheet (HTML) - OSRAM GmbH


LOE6SF Product details

Features
• package: white P-LCC-4 package, colorless clear silicone resin
• feature of the device: more light due to higher optical efficiency
• wavelength: 633 nm (super-red), 625 nm (red), 617 nm (amber), 606 nm (orange), 590 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 38 lm/W (super-red), 49 lm/W (red), 69 lm/W (amber, orange), 44 lm/W (yellow)
• grouping parameter: luminous intensity, forward voltage, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D

Applications
• traffic lights
• backlighting (LCD, switches, keys, displays, illuminated advertising)
• interior and exterior automotive lighting (e.g. dashboard backlighting and brake lights)
• substitution of micro incandescent lamps
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire




Similar Part No. - LOE6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE63B OSRAM-LOE63B Datasheet
369Kb / 21P
Signal and Symbol Luminary
LOE67B OSRAM-LOE67B Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
Traffic lights
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
OSRAM GmbH
LOE67B-U2AA-24-1 OSRAM-LOE67B-U2AA-24-1 Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
More results


Similar Description - LOE6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com