Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOE6SF Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOE6SF
Description  Signal and Symbol Luminary
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOE6SF Datasheet(HTML) 1 Page - OSRAM GmbH

  LOE6SF Datasheet HTML 1Page - OSRAM GmbH LOE6SF Datasheet HTML 2Page - OSRAM GmbH LOE6SF Datasheet HTML 3Page - OSRAM GmbH LOE6SF Datasheet HTML 4Page - OSRAM GmbH LOE6SF Datasheet HTML 5Page - OSRAM GmbH LOE6SF Datasheet HTML 6Page - OSRAM GmbH LOE6SF Datasheet HTML 7Page - OSRAM GmbH LOE6SF Datasheet HTML 8Page - OSRAM GmbH LOE6SF Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2013-10-07
1
2013-10-07
Power TOPLED
Datasheet
Version 1.2
LO E6SF
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
• Package: white PLCC-4 package, colorless clear
silicone resin
• Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser, klarer Silikon Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: orange (606 nm)
• Farbe: orange (606 nm)
Applications
Anwendungen
• Signaling
• Signalanlagen
• Backlighting
• Hinterleuchtung
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LOE6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOE63B OSRAM-LOE63B Datasheet
369Kb / 21P
Signal and Symbol Luminary
LOE67B OSRAM-LOE67B Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
Traffic lights
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
OSRAM GmbH
LOE67B-U2AA-24-1 OSRAM-LOE67B-U2AA-24-1 Datasheet
175Kb / 14P
Power TOPLED Enhanced optical Power LED (HOP2000)
More results

Similar Description - LOE6SF

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com