Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP401 Datasheet (PDF) - Gaomi Xinghe Electronics Co., Ltd.

KBP401 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.
Part # KBP401
Download  KBP401 Download
File Size   469.2 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description Rectifier Reverse Voltage 50 to 1000V

KBP401 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP401 Datasheet PDF - Gaomi Xinghe Electronics Co., Ltd.

Part # KBP401
Download  KBP401 Click to download

File Size   469.2 Kbytes
Page   2 Pages
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.
Description Rectifier Reverse Voltage 50 to 1000V

KBP401 Datasheet (HTML) - Gaomi Xinghe Electronics Co., Ltd.




Similar Part No. - KBP401

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KBP401 JUXING-KBP401 Datasheet
386Kb / 2P
BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
KBP401 YIXIN-KBP401 Datasheet
323Kb / 2P
BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBP401 YFWDIODE-KBP401 Datasheet
825Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP401 SKTECHNOLGY-KBP401 Datasheet
604Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBP401 JUXING-KBP401 Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Similar Description - KBP401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SN1A LRC-SN1A Datasheet
177Kb / 9P
Surface Mount General Reverse Voltage 50 to 1000V
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Gaomi Xinghe Electronic...
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
FM401 AITSEMI-FM401 Datasheet
503Kb / 5P
GLASS RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT1.0A
REV1.0
GS1A AITSEMI-GS1A Datasheet
439Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1.0A
REV1.0
S1A AITSEMI-S1A Datasheet
468Kb / 5P
RECTIFIER DIODE 50 ~1000V REVERSE VOLTAGE 1A CURRENT
REV1.0
S1AF AITSEMI-S1AF Datasheet
551Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
S1AW AITSEMI-S1AW Datasheet
693Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
S3AF AITSEMI-S3AF Datasheet
590Kb / 5P
RECTIFIER DIODE 50~1000V REVERSE VOLTAGE 3A CURRENT
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com