Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP401 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # KBP401
Description  Rectifier Reverse Voltage 50 to 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

KBP401 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  KBP401 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. KBP401 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 0
410
Maximum Ratings & Thermal Characteristics
Parameter
Symbol
unit
per leg at 4.0A
Typical thermal resistance per element
45
55
superimposed on rated load (JEDEC Method)
14.91
4.0
KBP4005 THRU KBP410
A Single-Phase Silicon Bridge Rectifier
Rectifier Reverse Voltage 50 to 1000V
Rating at 25
ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=100
Peak forward surge current single sine-wave
Rating for fusing ( t<8.3ms)
(1)
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25
ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
C
C (with heatsink)
C
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =125 C
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
ReJA
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
-55 to + 150
1.1
10
1000
V
V
V
A
A
V
A
2
sec
Features
Mechanical Data
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Mounting Position: Any
Weight: 0.2 ounce, 5.6 grams (approx)
This series is UL listed under the Recognized
Component Index, file number E142814
The plastic material used carries Underwriters Laboratory
flammability recognition 94V-0
Ideal for printed circuit board mounting
High temperature soldering guaranteed 265
/10
seconds at 5 lbs (2.3kg) tension
Built-in printed circuit board stand-offs
High case dielectric strength
A
C / W
4005
401
402
404
406
408
Notes: (1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
.
KBP
Dimensions in inches and (milimeters)
R2
~
~
-
+
4
3
2
1
4
3
2
1
.531(13.5)
.555(14.1)
.059(1.5)
.043(1.1)
.049(1.25)
.041(1.05)
.034(0.86)
.026(0.66)
.162
.138
(3.51)
(4.11)(4.11)
(3.51)
.138
.162
(4.11)
(3.51)
.138
.162
.057(1.45)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.055(1.4)
.039(1.0)
.094(2.4)
.071(1.8)
.024(0.6)
.016(0.4)
(with heatsik)
KBP
KBP
KBP
KBP
KBP
KBP
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
1
410
4005
401
402
404
406
408
KBP
KBP
KBP
KBP
KBP
KBP
KBP


Similar Part No. - KBP401

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KBP401 JUXING-KBP401 Datasheet
386Kb / 2P
BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
KBP401 YIXIN-KBP401 Datasheet
323Kb / 2P
BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBP401 YFWDIODE-KBP401 Datasheet
825Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP401 SKTECHNOLGY-KBP401 Datasheet
604Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBP401 JUXING-KBP401 Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results

Similar Description - KBP401

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SN1A LRC-SN1A Datasheet
177Kb / 9P
Surface Mount General Reverse Voltage 50 to 1000V
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Gaomi Xinghe Electronic...
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
FM401 AITSEMI-FM401 Datasheet
503Kb / 5P
GLASS RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT1.0A
REV1.0
GS1A AITSEMI-GS1A Datasheet
439Kb / 5P
RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1.0A
REV1.0
S1A AITSEMI-S1A Datasheet
468Kb / 5P
RECTIFIER DIODE 50 ~1000V REVERSE VOLTAGE 1A CURRENT
REV1.0
S1AF AITSEMI-S1AF Datasheet
551Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
S1AW AITSEMI-S1AW Datasheet
693Kb / 5P
RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
S3AF AITSEMI-S3AF Datasheet
590Kb / 5P
RECTIFIER DIODE 50~1000V REVERSE VOLTAGE 3A CURRENT
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com