Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP401 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # KBP401
Description  Rectifier Reverse Voltage 50 to 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

KBP401 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  KBP401 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. KBP401 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.0
60
40
20
2.0
Rating and Characteristic Curves ( TA=25 Unless otherwise noted )
C
o
Fig. 1 Derating Curve for
Output Rectified Current
0
50
100
150
0
6.0
60Hz Resistive of
Inductive Load
Case Temperature, C
o
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60HZ
80
1
10
100
0
8.3ms
Single half-sine-Wave
[JEDEC Method]
Fig. 3 Typical Instantaneous
Forward Characteristics
Instantaneous Forward
Voltage, Volts
.01
0.1
1.0
10
100
0.6
0.7
0.8
0.9
1.0
1.1
Tj=25 C
Pulse Width=300us
2% duty cycle
1.2
1.3
4.0
40
20
Fig. 4 Typical Reverse
Characteristics
Fig. 5 Typical Junction Capacitance
Percent of Rated Peak Reverse
Voltage, %
Reverse Voltage, Volts
.01
0.1
1.0
10
0
20
40
60
80
100
120
140
Tc=100 C
TA=25 C
100
1
1.5
2
10
100
10
400
Tj=25 C
f=1.0MHz
V =50mV p.p.
ing
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
2
4 0
KBP4005 THRU KBP410
A Single-Phase Silicon Bridge Rectifier
Rectifier Reverse Voltage 50 to 1000V
.
星合电子
XINGHE ELECTRONICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com