Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0684L40A Datasheet (PDF) - Bel Fuse Inc.

0684L40A Datasheet PDF - Bel Fuse Inc.
Part # 0684L40A
Download  0684L40A Download
File Size   1116.66 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 350V AC Voltage Rating

0684L40A Datasheet (PDF)

Go To PDF Page Download Datasheet
0684L40A Datasheet PDF - Bel Fuse Inc.

Part # 0684L40A
Download  0684L40A Click to download

File Size   1116.66 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 350V AC Voltage Rating

0684L40A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 0684L40A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0684L BEL-0684L Datasheet
528Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0684L9400-01 BEL-0684L9400-01 Datasheet
528Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0684L9400-11 BEL-0684L9400-11 Datasheet
528Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0684L9400-21 BEL-0684L9400-21 Datasheet
528Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
0684L9400-X1 BEL-0684L9400-X1 Datasheet
528Kb / 4P
Square Ceramic Surface Mount Fast Blow Fuse
More results


Similar Description - 0684L40A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGRP20F GULFSEMI-UGRP20F Datasheet
93Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 350V CURRENT:20.0A
logo
Bourns Electronic Solut...
MOV-20D820K BOURNS-MOV-20D820K Datasheet
689Kb / 4P
High voltage rating
logo
Coto Technology
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT331 COTO-CT331 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 350V Maximum
logo
Diodes Incorporated
BST39 DIODES-BST39_15 Datasheet
467Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 5
logo
ETAL Group
2-5000 ETAL-2-5000 Datasheet
282Kb / 4P
Voltage rating AC 250 V; DC 28 V
logo
Diodes Incorporated
FMMT6517 DIODES-FMMT6517_17 Datasheet
325Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR
Rev 4
logo
Mallory Sonalert Produc...
SCE016XD3MG3B MSPI-SCE016XD3MG3B Datasheet
59Kb / 1P
Voltage Rating: Voltage Rating:
SCE048SA3QP1B MSPI-SCE048SA3QP1B Datasheet
55Kb / 1P
Voltage Rating Voltage Rating
logo
Diodes Incorporated
BST39 DIODES-BST39 Datasheet
467Kb / 7P
350V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
July 2014 Rev. 5 - 2
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com