Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7109A Datasheet (PDF) - NXP Semiconductors

SAA7109A Datasheet PDF - NXP Semiconductors
Part # SAA7109A
Download  SAA7109A Download
File Size   983.57 Kbytes
Page   197 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description HD-CODEC

SAA7109A Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7109A Datasheet PDF - NXP Semiconductors

Part # SAA7109A
Download  SAA7109A Click to download

File Size   983.57 Kbytes
Page   197 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description HD-CODEC

SAA7109A Datasheet (HTML) - NXP Semiconductors


SAA7109A Product details

GENERAL DESCRIPTION
The SAA7108AE; SAA7109AE is a new multi-standard video decoder and encoder chip, offering high quality video input and TV output processing as required by PC-99 specifications. It enables hardware manufacturers to implement versatile video functions on a significantly reduced printed-circuit board area at very competitive costs.
   
FEATURES
Video decoder
• Six analog inputs, internal analog source selectors, e.g.
    6 × CVBS or (2 × Y/C and 2 × CVBS) or (1 × Y/C and
    4 × CVBS)
• Two analog preprocessing channels in differential
    CMOS style for best S/N performance
• Fully programmable static gain or Automatic Gain
    Control (AGC) for the selected CVBS or Y/C channel
• Switchable white peak control
• Two built-in analog anti-aliasing filters
• Two 9-bit video CMOS Analog-to-Digital Converters
    (ADCs), digitized CVBS or Y/C signals are available on
    the Image Port Data (IPD) port under I2C-bus control
• On-chip clock generator
• Line-locked system clock frequencies
• Digital PLL for horizontal sync processing and clock
    generation, horizontal and vertical sync detection
• Requires only one crystal (either 24.576 MHz or
    32.11 MHz) for all standards
• Automatic detection of 50 and 60 Hz field frequency,
    and automatic switching between PAL and NTSC
    standards
• Luminance and chrominance signal processing for
    PAL BGHI, PAL N, combination PAL N, PAL M,
    NTSC M, NTSC-Japan, NTSC N, NTSC 4.43 and
    SECAM
• User programmable luminance peaking or aperture
    correction
• Cross-colour reduction for NTSC by chrominance comb
    filtering
• PAL delay line for correcting PAL phase errors
• Brightness Contrast Saturation (BCS) and hue control
    on-chip
• Two multi functional real-time output pins controlled by
    the I2C-bus
    (Continue ...)




Similar Part No. - SAA7109A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7109AE NXP-SAA7109AE Datasheet
1Mb / 208P
HD-CODEC
Rev. 03-6 February 2007
More results


Similar Description - SAA7109A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
HD EMBEDDED AUDIO CODEC
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1983 AD-AD1983 Datasheet
427Kb / 16P
HD Audio SoundMAX Codec
4/06-Revision 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
HD Audio SoundMAX Codec
6/05-Revision 0
logo
NXP Semiconductors
SAA7108AE NXP-SAA7108AE Datasheet
1Mb / 208P
HD-CODEC
Rev. 03-6 February 2007
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
HD Embedded Audio CODEC Data Sheet
logo
Analog Devices
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
HD Audio SoundMAX Codec
REV. 0
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
AC 97 and HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com