Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8976 Datasheet (PDF) - Wolfson Microelectronics plc

WM8976 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8976
Download  WM8976 Download
File Size   1032.18 Kbytes
Page   83 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power CODEC With Speaker Driver

WM8976 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8976 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8976
Download  WM8976 Click to download

File Size   1032.18 Kbytes
Page   83 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Low Power CODEC With Speaker Driver

WM8976 Datasheet (HTML) - Wolfson Microelectronics plc


WM8976 Product details

DESCRIPTION

The WM8976 is a low power, high quality CODEC designed for portable applications such as multimedia phone, digital still camera or digital camcorder.

The device integrates a preamp for differential microphone, and includes drivers for speakers, headphone and differential or stereo line output. External component requirements are reduced as no separate microphone or headphone amplifiers are required.



FEATURES

Stereo CODEC:

• DAC SNR 98dB, THD -84dB (‘A’ weighted @ 48kHz)

• ADC SNR 95dB, THD -84dB (‘A’ weighted @ 48kHz)

• On-chip Headphone Driver with ‘capless’ option

   - 40mW per channel into 16Ω / 3.3V SPKVDD

• 0.9W output power into 8Ω BTL speaker / 5V SPKVDD

   - Capable of driving piezo speakers

   - Stereo speaker drive configuration



Mic Preamps:

• Differential or single-ended microphone interfaces

   - Programmable preamp gain

   - Psuedo differential input with common mode rejection

   - Programmable ALC / Noise Gate in ADC path

• Low-noise bias supplied for electret microphone



Other Features:

• Enhanced 3-D function for improved stereo separation

• Digital playback limiter

• 5-band Equaliser (record or playback)

• Programmable ADC High Pass Filter (wind noise reduction)

• Programmable ADC Notch Filter

• Aux inputs for stereo analog input signals or ‘beep’

• On-chip PLL supporting 12, 13, 19.2MHz and other clocks

• Support for 8, 11.025, 12, 16, 22.05, 24, 32, 44.1 and 48kHz sample rates

• Low power, low voltage

   - 2.5V to 3.6V (digital: 1.71V to 3.6V)

• 5x5mm 32-lead QFN package



APPLICATIONS

• Stereo Camcorder or DSC

• Multimedia Phone



 




Similar Part No. - WM8976

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8976 WOLFSON-WM8976 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8976CGEFL/RV WOLFSON-WM8976CGEFL/RV Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8976CGEFL/V WOLFSON-WM8976CGEFL/V Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
WM8976GEFL/RV WOLFSON-WM8976GEFL/RV Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8976GEFL/V WOLFSON-WM8976GEFL/V Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
More results


Similar Description - WM8976

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8510 WOLFSON-WM8510 Datasheet
571Kb / 56P
MONO CODEC WITH SPEAKER DRIVER
WM8974 WOLFSON-WM8974 Datasheet
795Kb / 63P
MONO CODEC WITH SPEAKER DRIVER
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
STEREO CODEC WITH SPEAKER DRIVER
WM8940 WOLFSON-WM8940_07 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
WM8974 WOLFSON-WM8974_07 Datasheet
1,020Kb / 87P
Mono CODEC with Speaker Driver
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
Stereo CODEC With Speaker Driver
WM8940 WOLFSON-WM8940_11 Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
Stereo CODEC with Speaker Driver
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
Mono CODEC with Speaker Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com