Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFM540-AS Datasheet (PDF) - PACELEADER INDUSTRIAL

PFM540-AS Datasheet PDF - PACELEADER INDUSTRIAL
Part # PFM540-AS
Download  PFM540-AS Download
File Size   608.35 Kbytes
Page   4 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS - 40V-100V

PFM540-AS Datasheet (PDF)

Go To PDF Page Download Datasheet
PFM540-AS Datasheet PDF - PACELEADER INDUSTRIAL

Part # PFM540-AS
Download  PFM540-AS Click to download

File Size   608.35 Kbytes
Page   4 Pages
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL
Description 5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS - 40V-100V

PFM540-AS Datasheet (HTML) - PACELEADER INDUSTRIAL




Similar Part No. - PFM540-AS

ManufacturerPart #DatasheetDescription
logo
Winsonic Electronics
PFM546041F-WH35L0-CB0M0A WINSONIC-PFM546041F-WH35L0-CB0M0A Datasheet
126Kb / 1P
Fanless Panel PC Flush Mount, 46" LCD monitor, 1920 x 1080, LED 350 nits,Intel®Celeron J6412
PFM546041F-WH35L0-CB0M0B WINSONIC-PFM546041F-WH35L0-CB0M0B Datasheet
126Kb / 1P
Fanless Panel PC Flush Mount, 46" LCD monitor, 1920 x 1080, LED 350 nits,Intel® 11th Gen. i3, i5, i7
PFM546041F-WH35L0-CB0M0C WINSONIC-PFM546041F-WH35L0-CB0M0C Datasheet
126Kb / 1P
Fanless Panel PC Flush Mount, 46" LCD monitor, 1920 x 1080, LED 350 nits,Intel® Core™ Ultra Series 2 Processors (Arrow Lake)
More results


Similar Description - PFM540-AS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR507 MOSPEC-SR507 Datasheet
231Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
SR57 MOSPEC-SR57 Datasheet
226Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
Gulf Semiconductor
SB510 GULFSEMI-SB510 Datasheet
144Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 5.0A
logo
SeCoS Halbleitertechnol...
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
Bytesonic Electronics C...
SB05T100L BYTESONIC-SB05T100L Datasheet
796Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifiers
Version 1.2 2017/12/5
SB05T150L BYTESONIC-SB05T150L Datasheet
795Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifiers
Version 1.2 2017/12/5
SB05T200L BYTESONIC-SB05T200L Datasheet
796Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifiers
Version 1.2 2017/12/5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com