Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFM540-AS Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PFM540-AS
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS - 40V-100V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFM540-AS Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PFM540-AS Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFM540-AS Datasheet HTML 2Page - PACELEADER INDUSTRIAL PFM540-AS Datasheet HTML 3Page - PACELEADER INDUSTRIAL PFM540-AS Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Package outline
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
•
•
PFM540-AS
40
28
40
-55 to +125
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =5.0A
F
V
F
(V)
*4
PFM560-AS
60
42
60
0.70
0.55
-55 to +150
0.85
PFM5100-AS
100
70
100
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
Storage temperature
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
T
STG
A
A
mA
OC
pF
5.0
150
0.5
+
150
-
55
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
380
20
O
( C)
Operating
temperature
T ,
J
0.213(5.4)
0.197(5.0)
0.012(0.3) Typ.
0.106(2.7)
0.091(2.3)
0.071(1.8)
0.060(1.5)
0.040 (1.0) Typ.
0.040(1.0) Typ.
0.055(1.4)
0.063(1.6)
Dimensions in inches and (millimeters)
SMA-S
Mechanical data
Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SMA-S
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.05 gram
•
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal resistance
R
θJA
OC/W
56
Junction to ambient
R
θJC
OC/W
28
Junction to case
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS - 40V-100V
PFM5 4 0-AS THRU PFM5 100-AS
1
www.paceleader.tw
Moisture Sensitivity Level 1


Similar Part No. - PFM540-AS

ManufacturerPart #DatasheetDescription
logo
Winsonic Electronics
PFM546041F-WH35L0-CB0M0A WINSONIC-PFM546041F-WH35L0-CB0M0A Datasheet
126Kb / 1P
Fanless Panel PC Flush Mount, 46" LCD monitor, 1920 x 1080, LED 350 nits,Intel®Celeron J6412
PFM546041F-WH35L0-CB0M0B WINSONIC-PFM546041F-WH35L0-CB0M0B Datasheet
126Kb / 1P
Fanless Panel PC Flush Mount, 46" LCD monitor, 1920 x 1080, LED 350 nits,Intel® 11th Gen. i3, i5, i7
PFM546041F-WH35L0-CB0M0C WINSONIC-PFM546041F-WH35L0-CB0M0C Datasheet
126Kb / 1P
Fanless Panel PC Flush Mount, 46" LCD monitor, 1920 x 1080, LED 350 nits,Intel® Core™ Ultra Series 2 Processors (Arrow Lake)
More results

Similar Description - PFM540-AS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR507 MOSPEC-SR507 Datasheet
231Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
SR57 MOSPEC-SR57 Datasheet
226Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
Gulf Semiconductor
SB510 GULFSEMI-SB510 Datasheet
144Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 5.0A
logo
SeCoS Halbleitertechnol...
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
Bytesonic Electronics C...
SB05T100L BYTESONIC-SB05T100L Datasheet
796Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifiers
Version 1.2 2017/12/5
SB05T150L BYTESONIC-SB05T150L Datasheet
795Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifiers
Version 1.2 2017/12/5
SB05T200L BYTESONIC-SB05T200L Datasheet
796Kb / 2P
5.0A Surface Mount Schottky Barrier Rectifiers
Version 1.2 2017/12/5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com