Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11P7 Datasheet (PDF) - IXYS Corporation

IX6R11P7 Datasheet PDF - IXYS Corporation
Part # IX6R11P7
Download  IX6R11P7 Download
File Size   1248.05 Kbytes
Page   12 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 6A Half-Bridge Driver

IX6R11P7 Datasheet (PDF)

Go To PDF Page Download Datasheet
IX6R11P7 Datasheet PDF - IXYS Corporation

Part # IX6R11P7
Download  IX6R11P7 Click to download

File Size   1248.05 Kbytes
Page   12 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 6A Half-Bridge Driver

IX6R11P7 Datasheet (HTML) - IXYS Corporation


IX6R11P7 Product details

General Description

The IX6R11 Bridge Driver for N-channel MOSFETs and IGBTs with a high side and low side output, whose input signals reference the low side. The High Side driver can control a MOSFET or IGBT connected to a positive buss voltage up to 650V.



Features

• Floating High Side Driver with boot-strap Power supply along with a Low Side Driver.

• Fully operational to 650V

• ± 50V/ns dV/dt immunity

• Gate drive power supply range: 10 - 35V

• Undervoltage lockout for both output drivers

• Separate Logic power supply range: 3.3V to VCL

• Built using the advantages and compatibility of CMOS and IXYS HDMOSTM processes

• Latch-Up protected over entire operating range

• High peak output current: 6A

• Matched propagation delay for both outputs

• Low output impedance

• Low power supply current

• Immune to negative voltage transients



Applications

• Driving MOSFETs and IGBTs in half-bridge circuits

• High voltage, high side and low side drivers

• Motor Controls

• Switch Mode Power Supplies (SMPS)

• DC to DC Converters

• Class D Switching Amplifiers




Similar Part No. - IX6R11P7

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IX61G-A-10P HIROSE-IX61G-A-10P Datasheet
296Kb / 6P
Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
IX61G-B-10P HIROSE-IX61G-B-10P Datasheet
296Kb / 6P
Conforming to IEC Standard The Next-Generation Ethernet Connector for Industrial Equipment
logo
IXYS Corporation
IX6610 IXYS-IX6610 Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
IX6610T IXYS-IX6610T Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
IX6610TR IXYS-IX6610TR Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
More results


Similar Description - IX6R11P7

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com