Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11P7 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX6R11P7
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11P7 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX6R11P7 Datasheet HTML 4Page - IXYS Corporation IX6R11P7 Datasheet HTML 5Page - IXYS Corporation IX6R11P7 Datasheet HTML 6Page - IXYS Corporation IX6R11P7 Datasheet HTML 7Page - IXYS Corporation IX6R11P7 Datasheet HTML 8Page - IXYS Corporation IX6R11P7 Datasheet HTML 9Page - IXYS Corporation IX6R11P7 Datasheet HTML 10Page - IXYS Corporation IX6R11P7 Datasheet HTML 11Page - IXYS Corporation IX6R11P7 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
IX6R11
Frequency - kHz
100 200 300 400 500 600 700 800 900 1000
25
30
35
40
45
50
55
60
65
70
75
Temperature -
oC
-50
-25
0
25
50
75
100
125
600
650
700
750
800
850
900
950
1000
Temperature -
oC
-50
-25
0
25
50
75
100
125
600
700
800
900
1000
1100
Maximum
Typical
Maximum
Typical
E
B
C
D
A
F
Frequency - kHz
100 200 300 400 500 600 700 800 900 1000
25
30
35
40
45
50
55
60
65
70
75
V
CH Supply Voltage - Volts
10
15
20
25
30
35
-600
-500
-400
-300
-200
-100
0
V
CH Voltage - Volts
10
15
20
25
30
35
600
700
800
900
1000
1100
Maximum
Typical
Typical
E
B
C
D
A
F
Load Conditions:
A: IXFK21N100F @ V
CH= 400V
B: IXFK21N100F @ V
CH= 200V
C: IXFH14N100Q @ V
CH=400V
D: IXFH14N100Q @ V
CH=200V
E: IXTU01N100 @ V
CH= 400V
F: IXTU01N100 @ V
CH= 200V
Load Conditions:
A: IXFK21N100F @ V
CH= 400V
B: IXFK21N100F @ V
CH= 200V
C: IXFH14N100Q @ V
CH=400V
D: IXFH14N100Q @ V
CH=200V
E: IXTU01N100 @ V
CH= 400V
F: IXTU01N100 @ V
CH= 200V
Fig. 21a. Quiescent current vs. temperature for the
high side power supply.
Fig. 21b. Quiescent current vs. voltage for the high side
power supply.
Fig. 22. Quiescent current vs. temperature for the low
side power supply
Fig. 23. BUS voltage vs. V
CH supply voltage
Fig. 24a. Case temperature rise vs. switching frequency
for IX6R11S6
Fig. 24b. Case temperature rise vs. switching frequency
for IX6R11S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com