Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11P7 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IX6R11P7
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11P7 Datasheet(HTML) 2 Page - IXYS Corporation

  IX6R11P7 Datasheet HTML 1Page - IXYS Corporation IX6R11P7 Datasheet HTML 2Page - IXYS Corporation IX6R11P7 Datasheet HTML 3Page - IXYS Corporation IX6R11P7 Datasheet HTML 4Page - IXYS Corporation IX6R11P7 Datasheet HTML 5Page - IXYS Corporation IX6R11P7 Datasheet HTML 6Page - IXYS Corporation IX6R11P7 Datasheet HTML 7Page - IXYS Corporation IX6R11P7 Datasheet HTML 8Page - IXYS Corporation IX6R11P7 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
IX6R11
Figure 2 - IX6R11 Functional Block Diagram
Pin Description And Configuration
SYMBOL
FUNCTION
DESCRIPTION
VDD
Logic Supply
Positive power supply for the chip CMOS functions
HIN
HS Input
High side Input signal, TTL or CMOS compatible; HGO in phase
LIN
LS Input
Low side Input signal, TTL or CMOS compatible; LGO in phase
ENB
Not Enable
Chip enable. When driven high, both outputs go low.
DG
Ground
Logic Reference Ground
VCH
Supply Voltage
High Side Power Supply
HGO
Output
High side driver output
HS
Return
High side voltage return pin
VCL
Supply Voltage
Low side power supply. This power supply provides power for
both outputs. Voltage range is from 4.5 to 25V.
LGO
Output
Low side driver output
LS
Ground
Low side return
HIN
Low to
High
VDD
DG
HIN
HIN
OUT
IN
RST
VDD
HIN
LIN
ENB
DG
1
W
DG
VCH
UVCC
Isolated High Side
HS
4A Gate
Driver
VCL
HS
HGO
VCH
VCL
Low to High
Side Delay
Equalizer
and
Shutdown
Shutdown
Logic
LS
UVCC
Detect
LS
LGO
4A Gate
Driver
Detect
14-PIN DIP
18-PIN SOIC-CT
16-PIN SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com