Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX6R11P7 Datasheet(PDF) 12 Page - IXYS Corporation

Part # IX6R11P7
Description  6A Half-Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6R11P7 Datasheet(HTML) 12 Page - IXYS Corporation

Back Button IX6R11P7 Datasheet HTML 4Page - IXYS Corporation IX6R11P7 Datasheet HTML 5Page - IXYS Corporation IX6R11P7 Datasheet HTML 6Page - IXYS Corporation IX6R11P7 Datasheet HTML 7Page - IXYS Corporation IX6R11P7 Datasheet HTML 8Page - IXYS Corporation IX6R11P7 Datasheet HTML 9Page - IXYS Corporation IX6R11P7 Datasheet HTML 10Page - IXYS Corporation IX6R11P7 Datasheet HTML 11Page - IXYS Corporation IX6R11P7 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
IX6R11
IXYS Semiconductor GmbH
Edisonstrasse15 ; D-68623; Lampertheim
Tel: +49-6206-503-0; Fax: +49-6206-503627
e-mail: marcom@ixys.de
IXYS Corporation
3540 Bassett St; Santa Clara, CA 95054
Tel: 408-982-0700; Fax: 408-496-0670
e-mail: sales@ixys.net
www.ixys.com
IX6R11P7 Package Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com