Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVPS Datasheet (PDF) - Vishay Siliconix

HVPS Datasheet PDF - Vishay Siliconix
Part # HVPS
Download  HVPS Download
File Size   92.59 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Value, High Voltage Precision SIP Thin Film Resistor, Through Hole Network

HVPS Datasheet (PDF)

Go To PDF Page Download Datasheet
HVPS Datasheet PDF - Vishay Siliconix

Part # HVPS
Download  HVPS Click to download

File Size   92.59 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Value, High Voltage Precision SIP Thin Film Resistor, Through Hole Network

HVPS Datasheet (HTML) - Vishay Siliconix


HVPS Product details

• High nominal precision resistors
(value range 50K to 10M)
• Highly accurate resistance tolerance
(up to ± 0.01 %)
• Conformal coating flame resistant (UL 94 V-0)
rating
• Ultra low TCR (± 5 ppm/°C)
• High voltage
• Flame resistant (UL 94 V-0 rating)
• HVPS2 voltage rating up to 1800 V




Similar Part No. - HVPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVPS VISHAY-HVPS Datasheet
53Kb / 2P
High Value Precision SIP
27-Nov-02
HVPS1D5004A VISHAY-HVPS1D5004A Datasheet
53Kb / 2P
High Value Precision SIP
27-Nov-02
HVPS1D5004B VISHAY-HVPS1D5004B Datasheet
53Kb / 2P
High Value Precision SIP
27-Nov-02
HVPS1D5004D VISHAY-HVPS1D5004D Datasheet
53Kb / 2P
High Value Precision SIP
27-Nov-02
HVPS1D5004F VISHAY-HVPS1D5004F Datasheet
53Kb / 2P
High Value Precision SIP
27-Nov-02
More results


Similar Description - HVPS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
SOT23 Thin Film Precision Voltage Divider Network
logo
Vishay Siliconix
HVPS VISHAY-HVPS Datasheet
53Kb / 2P
High Value Precision SIP
27-Nov-02
logo
KOA Speer Electronics, ...
MRPL03EA KOA-MRPL03EA Datasheet
109Kb / 2P
precision metal film resistor SIP network
logo
RCD COMPONENTS INC.
CP081-10R0-BB RCD-CP081-10R0-BB Datasheet
65Kb / 1P
PRECISION THIN FILM SIP NETWORKS
logo
Vishay Siliconix
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
Wirebondable High Precision Single Value Thin Film Chip Resistors
26-Mar-13
RSK22N VISHAY-RSK22N_15 Datasheet
73Kb / 3P
Precision Wirebondable Single Value Thin Film Chip Resistor
11-Nov-15
M83401 VISHAY-M83401 Datasheet
92Kb / 4P
Thin Film Resistor Network Military
01-Mar-13
PRAHR VISHAY-PRAHR Datasheet
117Kb / 7P
ESCC 4001/025 Qualified High Precision Thin Film Chip Resistor Arrays
19-Nov-14
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com