Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM1002CT3 Datasheet (PDF) - Vishay Siliconix

MPM1002CT3 Datasheet PDF - Vishay Siliconix
Part # MPM1002CT3
Download  MPM1002CT3 Download
File Size   105.23 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network

MPM1002CT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM1002CT3 Datasheet PDF - Vishay Siliconix

Part # MPM1002CT3
Download  MPM1002CT3 Click to download

File Size   105.23 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network

MPM1002CT3 Datasheet (HTML) - Vishay Siliconix


MPM1002CT3 Product details

• Excellent long term ratio stability
(ΔR ± 0.015 %, 2000 h, + 70 °C)
• Ratio tolerances to ± 0.01 %
• Low TCR tracking ± 2 ppm
• Standard JEDEC TO-236 package variation AB




Similar Part No. - MPM1002CT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPM1002CT3 VISHAY-MPM1002CT3 Datasheet
302Kb / 3P
Molded, SOT-23 Resistor Network
14-May-07
MPM1002CT3 VISHAY-MPM1002CT3 Datasheet
290Kb / 3P
Molded, SOT-23 Resistor, Surface Mount Network
25-Jan-10
More results


Similar Description - MPM1002CT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
Molded, SOT-23 Resistor/Capacitor Network
01-Jul-08
MPM VISHAY-MPM Datasheet
302Kb / 3P
Molded, SOT-23 Resistor Network
14-May-07
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
03-Dec-12
MPMT2001AT5 VISHAY-MPMT2001AT5 Datasheet
290Kb / 3P
Molded, SOT-23 Resistor, Surface Mount Network
25-Jan-10
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
02-Sep-11
DFN VISHAY-DFN Datasheet
110Kb / 3P
Dual Flat No Lead Molded Precision Thin Film Resistor Surface Mount Network
28-May-15
FP200 VISHAY-FP200_17 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
03-Nov-15
100267 VISHAY-100267 Datasheet
70Kb / 3P
Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network
15-Sep-2021
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com