Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX640 Datasheet (PDF) - Advanced Crystal Technology

OX640 Datasheet PDF - Advanced Crystal Technology
Part # OX640
Download  OX640 Download
File Size   233.03 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Ultra low noise OCXO, Sine wave, 36.1 x 27.1 x 14.0 mm

OX640 Datasheet (PDF)

Go To PDF Page Download Datasheet
OX640 Datasheet PDF - Advanced Crystal Technology

Part # OX640
Download  OX640 Click to download

File Size   233.03 Kbytes
Page   3 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Ultra low noise OCXO, Sine wave, 36.1 x 27.1 x 14.0 mm

OX640 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - OX640

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX6434A-FZ RALTRON-OX6434A-FZ Datasheet
45Kb / 2P
OCXO
OX6434A-LX RALTRON-OX6434A-LX Datasheet
45Kb / 2P
OCXO
OX6434A-LZ RALTRON-OX6434A-LZ Datasheet
45Kb / 2P
OCXO
OX6436A-FZ RALTRON-OX6436A-FZ Datasheet
45Kb / 2P
OCXO
OX6436A-LX RALTRON-OX6436A-LX Datasheet
45Kb / 2P
OCXO
More results


Similar Description - OX640

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-M50BS12-05 QUARTZCOM-OCO-M50BS12-05 Datasheet
570Kb / 4P
Low Noise OCXO Sine wave
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
logo
Advanced Crystal Techno...
OX310 ACT-OX310 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm
01/06/2017
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX540 ACT-OX540 Datasheet
256Kb / 3P
Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
01/06/2017
OX610 ACT-OX610 Datasheet
251Kb / 3P
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
01/06/2017
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1640 ACT-OX1640 Datasheet
254Kb / 3P
Ultra low noise OCXO, Sine wave, 41.0 x 30.0 x16.0mm, SMD
09/11/2017
logo
Advanced XTAL Products
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com