Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OX640 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # OX640
Description  Ultra low noise OCXO, Sine wave, 36.1 x 27.1 x 14.0 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

OX640 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  OX640 Datasheet HTML 1Page - Advanced Crystal Technology OX640 Datasheet HTML 2Page - Advanced Crystal Technology OX640 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OX640 Series
Output characteristics
  Parameter
Specification
Remarks/Test condition
Frequency range 
10MHz
Contact us for other custom frequency  
requirement
Supply voltage
12.0V typical
Min: 10.5V, Max: 12.6V 
Warm‐up current consumption
340mA max
 Steady state current consumption
200mA max
RF output
Output waveform
Sine wave
Output load
50.0Ω
±5%
Output level
Min: +5dBm, Max: +10dBm
Harmonics
‐20.0dBc max
Spurious
‐90.0dBc max
@ 9 ~ 11MHz
Warm‐up time at +25°C
5 minute max
∆f final/ fnominal < ±100.0ppb
Phase noise
See table 2
Frequency stability (Typical, @ 10.00MHz)
 Initial tolerance
±100.0ppb max
At +25°C, Vc @ Vref/2
 vs Operating temperature range
±5.0ppb ~ ±200.0ppb
Table 1
 vs supply voltage variation
±0.5ppb max
Vcc  ± 100mV
 vs load change
±0.5ppb max
RL ± 5%
Long term aging/day
±0.5ppb max
After 10 days operation
Long term aging 1  year
±30.0ppb max
After 10 days operation
Long term aging 15 years
±500.0ppb max
After 10 days operation
Frequency adjustment range
Electronic frequency control (EFC)
Min: ±0.5ppm, typical: ±1.0ppm, Max: ±1.5ppm
Referance voltage VREF output
5.0V
EFC voltage Vc
2.5V ± 2.5V
EFC slope
Positive
EFC non‐linearity
10.0% max
EFC input impedance
100.0kΩ min
Modulation bandwidth
1kHz min
@ ‐3 dB
Short term stability (Allan deviation) , max
5 x 10‐¹²
Τ = 1 s
1 x 10‐¹¹
Τ = 10 s
‐1 x 10‐¹⁰Τ = 100 s
Oven alarm output
Low = alarm (not stable)
High = ready
0….0.4V
2.4….5V
Oscillator enable input
(Hcmos compatible input)
Low = alarm Oscillator OFF
High = Oscillator ON
0….0.4V
2.4….12.6V
Absolute maximum ratings
Supply voltage Vs
Min: ‐ 0.5V
Max: Vs + 10%
Vs to GND
Control voltage Vc
Min: ‐0.5V
15V
Vc to GND
Oscillator enable voltage OE
Min: ‐0.5V
Vs
Voe to GND
Storage temperature
‐55°C ~ +125°C
Resistance to soldering heat
10 sec
@ 245°C
Ultra low noise OCXO, Sine wave, 36.1 x 27.1 x 14.0 mm 
●  Ultra ‐ low noise OCXO in eurocase size package
●  Excellent frequency vs stability 
●  Unit weight: 30gm max
●  RoHS compliant
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification


Similar Part No. - OX640

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
OX6434A-FZ RALTRON-OX6434A-FZ Datasheet
45Kb / 2P
OCXO
OX6434A-LX RALTRON-OX6434A-LX Datasheet
45Kb / 2P
OCXO
OX6434A-LZ RALTRON-OX6434A-LZ Datasheet
45Kb / 2P
OCXO
OX6436A-FZ RALTRON-OX6436A-FZ Datasheet
45Kb / 2P
OCXO
OX6436A-LX RALTRON-OX6436A-LX Datasheet
45Kb / 2P
OCXO
More results

Similar Description - OX640

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
OCO-M50BS12-05 QUARTZCOM-OCO-M50BS12-05 Datasheet
570Kb / 4P
Low Noise OCXO Sine wave
logo
Advanced XTAL Products
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
logo
Advanced Crystal Techno...
OX310 ACT-OX310 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 20.5 x 20.5 x 12.0mm
01/06/2017
OX510 ACT-OX510 Datasheet
248Kb / 3P
OCXO, Sine wave, HCMOS, 25.8 x 25.8 x 12.7mm
01/06/2017
OX540 ACT-OX540 Datasheet
256Kb / 3P
Ultra low phase noise OCXO, Sine wave, 25.8 x 25.8 x12.7mm
01/06/2017
OX610 ACT-OX610 Datasheet
251Kb / 3P
Eurocase OCXO, Sine wave, HCMOS, 36.1 x 27.2 x 16.0mm
01/06/2017
OX740 ACT-OX740 Datasheet
219Kb / 3P
Ultra low phase noise OCXO, Sine wave, 50.0 x 50.0 x 21.0mm
01/06/2017
OX1160 ACT-OX1160 Datasheet
286Kb / 3P
OCXO, Sine wave, HCMOS, 14.4 x 9.5 x 6.5mm
01/06/2017
OX1640 ACT-OX1640 Datasheet
254Kb / 3P
Ultra low noise OCXO, Sine wave, 41.0 x 30.0 x16.0mm, SMD
09/11/2017
logo
Advanced XTAL Products
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
Ultra-Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com