Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42412 Datasheet (PDF) - Peregrine Semiconductor

Part # PE42412
Description  SP12T RF Switch, 10 MHz?? GHz
File Size   1175.4 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42412 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE42412

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4241 PEREGRINE-PE4241 Datasheet
273Kb / 8P
SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4241 PASTERNACK-PE4241 Datasheet
251Kb / 2P
C Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4241 PASTERNACK-PE4241 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
logo
Peregrine Semiconductor...
PE4241-EK PEREGRINE-PE4241-EK Datasheet
273Kb / 8P
SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4241 PASTERNACK-PE4241_16 Datasheet
352Kb / 3P
C Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
More results


Similar Description - PE42412

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
PE42482 PSEMI-PE42482 Datasheet
910Kb / 23P
SP8T RF Switch, 10 MHz?? GHz
PE42512 PSEMI-PE42512 Datasheet
1Mb / 25P
SP12T RF Switch, 9 kHz?? GHz
PE426412 PSEMI-PE426412 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
PE426462 PSEMI-PE426462 Datasheet
786Kb / 20P
SP6T RF Switch, 10 MHz?? GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com