Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45361 Datasheet (PDF) - Peregrine Semiconductor

Part # PE45361
Description  Power Limiter, 10 MHz?? GHz
File Size   359.38 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE45361 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE45361

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4536 PASTERNACK-PE4536 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
More results


Similar Description - PE45361

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LML221 FILTRONIC-LML221 Datasheet
13Kb / 1P
2-20 GHz MMIC Limiter
logo
Hittite Microwave Corpo...
HMC-C074 HITTITE-HMC-C074 Datasheet
252Kb / 6P
SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
HMC-C074 HITTITE-HMC-C074_1 Datasheet
251Kb / 6P
SINGLE STAGE POWER AMPLIFIER MODULE, 10 MHz - 6 GHz
logo
Peregrine Semiconductor
PE45140 PSEMI-PE45140 Datasheet
816Kb / 12P
UltraCMOS짰 Power Limiter 20 MHz?? GHz
logo
TriQuint Semiconductor
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
0.1??0 GHz 10 Watt VPIN Limiter
TGL2217-SM TRIQUINT-TGL2217-SM Datasheet
1Mb / 9P
0.1??0.0 GHz 10 Watt VPIN Limiter
TGM2543-SM TRIQUINT-TGM2543-SM Datasheet
890Kb / 11P
4-20 GHz Limiter/LNA
logo
Qorvo, Inc
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
0.1 ??20 GHz 10 Watt VPIN Limiter
logo
Teledyne Technologies I...
TDLM025100 TELEDYNE-TDLM025100 Datasheet
2Mb / 13P
RF Power Limiter, 10 MHz–2.5 GHz
11/2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com