Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH Datasheet (PDF) - Tyco Electronics

Part # PTH
Description  6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
File Size   333.18 Kbytes
Html View  1   2   3   4 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTH Datasheet (PDF) - Tyco Electronics



Similar Part No. - PTH

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PTH PANDUIT-PTH Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
logo
Fortex Engineering Ltd
PTH-0.6TOOL FORTEX-PTH-0.6TOOL Datasheet
799Kb / 3P
PTH400 FAVORIT THROUGH HOLE MECHANICAL PRESS
logo
Texas Instruments
PTH03000W TI-PTH03000W Datasheet
279Kb / 11P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH03000W TI2-PTH03000W Datasheet
446Kb / 13P
6-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED DECEMBER 2003
PTH03000WAD TI-PTH03000WAD Datasheet
369Kb / 13P
Up to 6-A Output Current 3.3 V Input Voltage Wide-Output Voltage Adjust
More results


Similar Description - PTH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
845HN ETC-845HN Datasheet
282Kb / 3P
Sub-Miniature - 1 or 2 pole, 5-12 amps
logo
Picker Components
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
30 AMP Panel Mount or PCB Power Relay
PC703 PICKER-PC703 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
logo
American Zettler, Inc.
AZ934 AZETTLER-AZ934 Datasheet
132Kb / 2P
20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL
logo
Picker Components
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
40 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
30 AMP Panel Mount or PCB Power Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
logo
TE Connectivity Ltd
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
Plug-in or PCB terminals
logo
Picker Components
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com