Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH Datasheet(PDF) 3 Page - Tyco Electronics

Part # PTH
Description  6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTH Datasheet(HTML) 3 Page - Tyco Electronics

  PTH Datasheet HTML 1Page - Tyco Electronics PTH Datasheet HTML 2Page - Tyco Electronics PTH Datasheet HTML 3Page - Tyco Electronics PTH Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SCHRACK PTH Series General Purpose Relays
DC
Standard
LED
PD
LED+PD
PD
LED+PD
Coil
Model
Coil Pin #14= (–)
Coil Pin #14= (–)
Coil Pin #14= (+)
Coil Pin #14= (+)
Voltage
(no module)
Coil Pin #13= (+)
Coil Pin #13= (+)
Coil Pin #13= (–)
Coil Pin #13= (–)
6
006
L06
0A6
LA6
0L6
LL6
12
012
L12
0B2
LB2
0M2
LM2
24
024
L24
0C4
LC4
0N4
LN4
48
048
L48
0E8
LE8
0Q8
LQ8
60
060
L60
0G0
LG0
0S0
LS0
110
110
M10
1B0
MB0
1M0
MM0
220
220
N20
2C0
NC0
2N0
NN0
AC
Standard
LED
RC
LED+RC
Coil
Model
Key for these tables
Voltage
(no module)
6
506
R06
5L6
RL6
LED = LED Coil Power Indicator
12
512
R12
5M2
RM2
PD = Protection Diode
24
524
R24
5N4
RN4
RC = Resistor + Capacitor
48
548
R48
5Q8
RQ8
LED+PD = Combination of LED & PD
60
560
R60
5S0
RS0
LED+RC = Combination of LED & RC
100
600
S00
6L0
SL0
LED+RC = Combination of LED & R
115
615
S15
6M5
SM5
Note: DC models have polarity.
200
700
T00
7L0
TL0
230
730
T30
7P0
TP0
Typical Part Number
>
PT
5
2
A
024
B
1. Basic Series:
PT = General purpose relay.
2. Contact Arrangement:
2 = 2 Form C (DPDT)
5 = 4 Form C (4PDT)
3. Contact Material:
2 = Silver-Nickel 90/10
4. Relay Cover and Termination:
A = 1.42 in. (36 mm) high cover, Plug-in terminals.
B = 1.42 in. (36 mm) high cover, PC board/solder terminals.
5. Coil and Built-in Module Code:
Refer to table.
6. Factory Assigned Product Code:
B = Standard Production
Part Number
Contact Arrangement
Termination
Coil Voltage
Module
Internal Part Number
PT22A512B
DPDT
Plug-in
12VAC
None
0-1721215-2
PT22A524B
DPDT
Plug-in
24VAC
None
0-1721215-3
PT22A615B
DPDT
Plug-in
115VAC
None
0-1721215-7
PT22AR12B
DPDT
Plug-in
12VAC
LED
0-1721216-2
PT22AR24B
DPDT
Plug-in
24VAC
LED
0-1721216-3
PT22AS15B
DPDT
Plug-in
115VAC
LED
0-1721216-7
PT52A512B
4PDT
Plug-in
12VAC
None
0-1721219-2
PT52A524B
4PDT
Plug-in
24VAC
None
0-1721219-3
PT52A615B
4PDT
Plug-in
115VAC
None
1-1721219-7
PT52AR12B
4PDT
Plug-in
12VAC
LED
0-1721220-2
PT52AR24B
4PDT
Plug-in
24VAC
LED
0-1721220-3
PT52AS15B
4PDT
Plug-in
115VAC
LED
0-1721220-7
PT22A012B
DPDT
Plug-in
12VDC
None
0-1721223-2
PT22A024B
DPDT
Plug-in
24VDC
None
0-1721223-3
PT52A012B
4PDT
Plug-in
12VDC
None
0-1721227-2
PT52A024B
4PDT
Plug-in
24VDC
None
0-1721227-3
PT22B012B
DPDT
PC Board/Solder
12VDC
None
0-1721239-2
PT22B024B
DPDT
PC Board/Solder
24VDC
None
0-1721239-3
PT52B012B
4PDT
PC Board/Solder
12VDC
None
0-1721243-2
PT52B024B
4PDT
PC Board/Solder
24VDC
None
0-1721243-3
Our authorized distributors are more likely to stock the following items for immediate delivery.
Ordering Information
Key for Coil and Built-In Module Codes
Issued 1-08
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com