Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH Datasheet(PDF) 4 Page - Tyco Electronics

Part # PTH
Description  6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PTH Datasheet(HTML) 4 Page - Tyco Electronics

  PTH Datasheet HTML 1Page - Tyco Electronics PTH Datasheet HTML 2Page - Tyco Electronics PTH Datasheet HTML 3Page - Tyco Electronics PTH Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
SCHRACK PTH Series General Purpose Relays
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(14)
A2
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(+)
(14)
A2
(–)
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(–)
(14)
A2
(+)
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(14)
A2
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(–)
(14)
A2
(+)
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(14)
A2
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(14)
A2
(1)
12
(2)
22
(3)
32
(4)
42
(5)
14
(6)
24
(7)
34
(8)
44
(9)
11
(10)
21
(11)
31
(12)
41
(13)
A1
(+)
(14)
A2
(–)
1.106 MAX.
(28.1)
.87 MAX.
(22.1)
1.106 MAX.
(28.1)
.87 MAX.
(22.1)
.020±.004
(.50±.1)
.020±.004
(.50±.1)
.087±.004
(2.2±.1)
.031±.004
(0.8±.1)
.236±.006
(6.0±.15)
1.63 MAX.
(41.4)
1.42 MAX.
(36)
1.42 MAX
(36)
.16±.006
(4.1±.15)
1.59 MAX.
(40.5)
.087±.004
(2.2±.1)
TWO CENTER ROWS OF TERMINALS
ARE NOT PRESENT ON TWO POLE
MODELS OF THIS RELAY
TWO CENTER ROWS OF TERMINALS
ARE NOT PRESENT ON TWO POLE
MODELS OF THIS RELAY
.051 + .004
(1.3 + 0.1)
Ø
.173
(4.4)
.17
(4.3) .161
(4.1)
.173
(4.4)
.173
(4.4)
.25
(6.35)
.25
(6.35)
.52
(13.2)
.165
(4.2)
.165
(4.2)
Outline Dimensions
Suggested PC Board Layout (Bottom Views)
Wiring Diagrams (Bottom Views)
4 Pole Models
2 Pole Models
Plug-In Terminals
PC Board/Solder Terminals
Standard
LED
Protection Diode
Protection Diode
(13+, 14–)
(13–, 14+)
LED & Pro. Diode
LED & Pro. Diode
Resistor + Capacitor
LED & RC
(13+, 14–)
(13–, 14+)
NOTE:
Wiring diagrams for four pole
models are shown. Two pole
models do not have the two
center rows of terminals.
Catalog 4-1773449-7
Issued 1-08
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
© 2008 by Tyco Electronics Corporation. All Rights Reserved.
SCHRACK, TE Logo and Tyco Electronics are trademarks.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com