Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53111 Datasheet (PDF) - Micropac Industries

Part # 53111
Description  POWER MOSFET OPTOCOUPLER
File Size   108.73 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111 Datasheet (PDF) - Micropac Industries



Similar Part No. - 53111_13

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53111-1PA MICROPAC-53111-1PA Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1PC MICROPAC-53111-1PC Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1XA MICROPAC-53111-1XA Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1XC MICROPAC-53111-1XC Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
53111-1YA MICROPAC-53111-1YA Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
More results


Similar Description - 53111_13

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53111 MICROPAC-53111 Datasheet
198Kb / 11P
POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259 Datasheet
130Kb / 6P
POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
53272 MICROPAC-53272 Datasheet
208Kb / 9P
POWER MOSFET OPTOCOUPLER 90V - 2.0A
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
VO2223A VISHAY-VO2223A_12 Datasheet
107Kb / 6P
Optocoupler, Power Phototriac
12-Sep-12
logo
Micropac Industries
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259_15 Datasheet
83Kb / 8P
POWER MOSFET OPTOCOUPLER SPST NORMALLY CLOSED
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
POWER MOSFET OPTOCOUPLER
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
POWER MOSFET OPTOCOUPLER
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_17 Datasheet
130Kb / 7P
Optocoupler, Power Phototriac
07-Dec-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com