Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7149 Datasheet (PDF) - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
File Size   477.23 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet (PDF) - Linear Technology



Similar Part No. - LTC7149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7103 LINER-LTC7103 Datasheet
1Mb / 32P
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC7103 LINER-LTC7103 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC7103 AD-LTC7103 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC7103 AD-LTC7103 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7103 AD-LTC7103 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
More results


Similar Description - LTC7149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
Dual Channel 4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3649 LINER-LTC3649 Datasheet
500Kb / 26P
60V, 4A Synchronous Step-Down Regulator with Rail-to-Rail Programmable Output
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
4A Step-Down Regulator
June 2015 Rev. 1.2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com