Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7149 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 2 Page - Linear Technology

  LTC7149 Datasheet HTML 1Page - Linear Technology LTC7149 Datasheet HTML 2Page - Linear Technology LTC7149 Datasheet HTML 3Page - Linear Technology LTC7149 Datasheet HTML 4Page - Linear Technology LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC7149
2
7149fa
For more information www.linear.com/LTC7149
ABSOLUTE MAXIMUM RATINGS
VIN Voltage* (Note 3)................................ 64V to –0.3V
ISET Voltage*............................................. VIN to –0.3V
GND Voltage*............................................. 28V to –0.3V
RUN Voltage*.....................................64V to GND –0.3V
MODE/SYNC, PGOOD Voltage* ..GND + 6V to GND –0.3V
VOUTSNS Voltage*....................................... VIN to –0.3V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7149EUFD#PBF
LTC7149EUFD#TRPBF
7149
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7149IUFD#PBF
LTC7149IUFD#TRPBF
7149
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC7149EFE#PBF
LTC7149EFE#TRPBF
LTC7149
28-Lead Plastic TSSOP
–40°C to 125°C
LTC7149IFE#PBF
LTC7149IFE#TRPBF
LTC7149
28-Lead Plastic TSSOP
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel//. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
PIN CONFIGURATION
9 10
TOP VIEW
29
SVOUT–
UFD PACKAGE
28-LEAD (4mm
× 5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
VOUT–
VOUT–
VIN
VIN
RUN
GND
MODE/SYNC
PGOOD
SW
SW
SW
SW
BOOST
INTVCC
EXTVCC
ITH
7
17
18
19
20
21
22
16
8
15
TJMAX = 125°C, θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 29) IS SVOUT–, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUT–
VOUT–
VOUT–
VOUT–
VOUT–
VIN
VIN
RUN
GND
MODE/SYNC
PGOOD
PGDFB
SVOUT–
VINREG
SW
SW
SW
SW
SW
SW
SW
BOOST
INTVCC
EXTVCC
ITH
ISET
VOUTSNS
RT
29
SVOUT–
TJMAX = 125°C, θJA = 30°C/W, θJC = 5°C to 10°C/W
EXPOSED PAD (PIN 29) IS SVOUT–, MUST BE SOLDERED TO PCB
RT, PGDFB, ITH, VINREG.....INTVCC +0.3V to (SVOUT− –0.3V)
EXTVCC Voltage* ....................................... 28V to –0.3V
Operating Junction
Temperature Range (Notes 4, 6)........ –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
*All voltage referenced to VOUT–, unless otherwise specified.
http://www.linear.com/product/LTC7149#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com