Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7149 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC7149 Datasheet HTML 9Page - Linear Technology LTC7149 Datasheet HTML 10Page - Linear Technology LTC7149 Datasheet HTML 11Page - Linear Technology LTC7149 Datasheet HTML 12Page - Linear Technology LTC7149 Datasheet HTML 13Page - Linear Technology LTC7149 Datasheet HTML 14Page - Linear Technology LTC7149 Datasheet HTML 15Page - Linear Technology LTC7149 Datasheet HTML 16Page - Linear Technology LTC7149 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC7149
13
7149fa
For more information www.linear.com/LTC7149
Using Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now be-
coming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When only a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
input. At best, this ringing can couple to the output and
be mistaken as loop instability. At worst, a sudden inrush
of current through the long wires can potentially cause
a voltage spike at VIN large enough to damage the part.
When choosing the input and output ceramic capacitors,
use X5R or X7R dielectric formulations. These dielectrics
have the best temperature and voltage characteristics of
all the ceramics for a given value and size.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement.Duringaloadstep,theoutputcapacitormust
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load.
More capacitance may be required depending on the duty
cycle and load step requirements. In most applications,
the input capacitor is merely required to supply high fre-
quency bypassing, since the impedance to the supply is
very low. A 22µF ceramic capacitor is usually enough for
these conditions. Place this input capacitor as physically
close to the VIN pin as possible.
Inductor Selection
Given the desired input and output voltages, the inductor
valueandoperatingfrequencydeterminetheripplecurrent:
∆IL =
–VIN(MAX)
fSW • L
|
| VOUT
– |
VIN(MAX)+ | VOUT
– |


Lower ripple current reduces core losses in the inductor
and reduces output voltage ripple. However, at extremes,
low ripple causes inductor current sensing issues. High-
est efficiency operation is obtained at low frequency with
reasonably small ripple current. However, achieving this
requires a large inductor. There is a trade-off between
component size, efficiency and operating frequency.
A reasonable starting point is to choose a ripple current
that is about 2A. To guarantee that ripple current does not
exceed specified inductor saturation current ratings, the
inductance should be chosen according to:
L =
VIN(MAX)
fSW • ∆IL(MAX)
| VOUT
– |
VIN(MAX)+ | VOUT
– |


Once the value for L is known, the type of inductor must
be selected. Core loss is very dependent on the material,
frequency and inductance selected. Higher inductance
reduces ripple. Unfortunately, increased inductance re-
quires more turns of wire and therefore copper losses
will increase.
Ferrite materials have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
minimizecopperlossandpreventingsaturation.However,
ferrite core material saturates “hard”, which means that
inductancecollapsesabruptlywhenthepeakdesigncurrent
is exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Different core materials and shapes will change the size/
currentandprice/currentrelationshipofaninductor.Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price versus size requirements
and any radiated field/EMI requirements. New designs for
surface mount inductors are available from Toko, Vishay,
NEC/Tokin, Cooper, TDK and Wurth Elektronik. Refer to
Table 1 for more details.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com