Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7149 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC7149 Datasheet HTML 17Page - Linear Technology LTC7149 Datasheet HTML 18Page - Linear Technology LTC7149 Datasheet HTML 19Page - Linear Technology LTC7149 Datasheet HTML 20Page - Linear Technology LTC7149 Datasheet HTML 21Page - Linear Technology LTC7149 Datasheet HTML 22Page - Linear Technology LTC7149 Datasheet HTML 23Page - Linear Technology LTC7149 Datasheet HTML 24Page - Linear Technology LTC7149 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC7149
21
7149fa
For more information www.linear.com/LTC7149
TYPICAL APPLICATIONS
24V Input to –5V Output at 1MHz Operation
Transient Response
2.4H
L1
CIN2
0.1µF
CIN
22µF
CVCC
2.2µF
COUT
22µF x 4
CBOOST
0.1µF
RSET
100k
CSET
10nF
RITH
1.5k
CITHP
150pF
CITH
1.5nF
RT
100k
24V
RUN
LTC7149
VIN
GND
BOOST
SW
VOUTSNS
VOUT–
SVOUT–
VIN
MODE/SYNC
INTVCC
VINREG
ISET
ITH
VOUT–
–5V
3.3A
RT
EXTVCC
7149 TA05
300mA–1.8A–300mA
20µs/DIV
7149 TA05b
VOUT
100mV/DIV
IL 2A/DIV
ILOAD 2A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com