Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUTFOX-12 Datasheet (PDF) - PHOENIX CONTACT

Part # CUTFOX-12
Description  Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm짼)
File Size   49.34 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CUTFOX-12 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - CUTFOX-12

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CUTFOX-10 PHOENIX-CUTFOX-10 Datasheet
57Kb / 4P
Cutting machine, for cables, litz wires, and shrink sleeves, 230 V mains voltage
CUTFOX-10-BAR PHOENIX-CUTFOX-10-BAR Datasheet
46Kb / 2P
Replacement holding arm for cable roller
CUTFOX-10-C-UN PHOENIX-CUTFOX-10-C-UN Datasheet
53Kb / 2P
Cable roller for CUTFOX 10
CUTFOX-10-R-C PHOENIX-CUTFOX-10-R-C Datasheet
44Kb / 2P
Replacement rotary table for cable roller
CUTFOX-100 PHOENIX-CUTFOX-100 Datasheet
48Kb / 2P
With ratchet function for minimum effort
More results


Similar Description - CUTFOX-12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
IGBT Optimized for switching up to 35 KHz
logo
STMicroelectronics
STM32F401CD STMICROELECTRONICS-STM32F401CD Datasheet
2Mb / 135P
Up to 12 communication interfaces
22-Jan-2015
logo
List of Unclassifed Man...
4007B ETC2-4007B Datasheet
1Mb / 2P
Sine and square waveforms up to 12 MHz
logo
CUI INC
SWI10-N CUI-SWI10-N Datasheet
550Kb / 5P
up to 12 W continuous power
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
MICROFOX-SC PHOENIX-MICROFOX-SC Datasheet
48Kb / 2P
Diagonal cutter for Cu wire up to 1.5 mm diameter
QUICK-WIREFOX-6-SC PHOENIX-QUICK-WIREFOX-6-SC Datasheet
49Kb / 2P
Stripping tool for short-circuit proof conductors, stripping range: 1.5 up to 6 mm짼, wire cutting up to 6 mm짼 cable stopper up to 18 mm짼
QUICK-WIREFOX-18 PHOENIX-QUICK-WIREFOX-18 Datasheet
46Kb / 2P
Stripping pliers, for standard insulation such as PVC and PE, stripping range: 4 to 16 mm짼, can cut wires up to 6 mm짼 stranded and 4 mm짼 solid
CUTFOX-18-DB PHOENIX-CUTFOX-18-DB Datasheet
43Kb / 2P
Cable cutter, angled, for copper and aluminum up to 18 mm in diameter (up to 50 mm짼), type of packaging: with holder for sales display (backcard)
logo
Burland Technology Solu...
MB-PWDIST BURLAND-MB-PWDIST Datasheet
385Kb / 1P
PowerDISTANCE WIRELESS CHARGE UP TO 35 MM AWAY
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com