Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2702255 Datasheet (PDF) - PHOENIX CONTACT

Part # 2702255
Description  Up to 15.3 Mbps in 2-wire operation
File Size   245.4 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702255 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2702255

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
270225-000 TEC-270225-000 Datasheet
1Mb / 4P
CONTINUOUS TUBE HIGH TEMPERATURE HT-CT
08/25/2021 10:51AM
logo
PHOENIX CONTACT
2702253 PHOENIX-2702253 Datasheet
255Kb / 6P
Network transparent (no IP configuration required)
2702257 PHOENIX-2702257 Datasheet
93Kb / 4P
Surge protection plug - TC EXTENDER PT-IQ-1S
09/12/2020
2702258 PHOENIX-2702258 Datasheet
369Kb / 7P
Surge protection plug - TC EXTENDER PT-IQ-2S
Dec 2, 2022
2702259 PHOENIX-2702259 Datasheet
69Kb / 7P
Router - FL MGUARD RS4000 TX/TX-P
More results


Similar Description - 2702255

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
Data transfer up to 10 Mbps
logo
Silicon Laboratories
SI843X SILABS-SI843X Datasheet
498Kb / 38P
High-speed operation DC to 150 Mbps No start-up initialization required
logo
Rohm
BR24A01AF-WLB ROHM-BR24A01AF-WLB Datasheet
894Kb / 29P
105??Operation I2C BUS EEPROM (2-Wire)
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
Saturation current rating up to 15.3 Amps
logo
Seiko Instruments Inc
S35710 SII-S35710 Datasheet
1Mb / 33P
FOR AUTOMOTIVE 125C OPERATION 2-WIRE
logo
STMicroelectronics
STEVAL-ILD003V2 STMICROELECTRONICS-STEVAL-ILD003V2 Datasheet
120Kb / 4P
Operation for 2-wire wall dimmer
15-Feb-2013
SPC560B40X STMICROELECTRONICS-SPC560B40X Datasheet
2Mb / 116P
Up to 60 DMIPs operation
03-Feb-2015
logo
Seiko Instruments Inc
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com