Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6238 Datasheet (PDF) - Torex Semiconductor

Part # XC6238
Description  300mA High Speed LDO Regulator with ON/OFF Switch
File Size   2043.85 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6238 Datasheet (PDF) - Torex Semiconductor



Similar Part No. - XC6238

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6230 TOREX-XC6230 Datasheet
1Mb / 26P
Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator
XC6231 TOREX-XC6231 Datasheet
299Kb / 11P
竊?V Input, 500mA, High Speed LDO Regulators
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121GR-G TOREX-XC6233H121GR-G Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121MR-G TOREX-XC6233H121MR-G Datasheet
827Kb / 30P
囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
More results


Similar Description - XC6238

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
150mA High Speed LDO Voltage Regulator with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
300mA High Speed LDO Regulator,
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
300mA High Speed LDO Regulator
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
300mA High Speed LDO Regulator with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com