Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGN72N60A3 Datasheet (PDF) - IXYS Corporation

Part # IXGN72N60A3
Description  Ultra Low Vsat PT IGBT for up to 5kHz switching
File Size   190.02 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGN72N60A3 Datasheet (PDF) - IXYS Corporation



Similar Part No. - IXGN72N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN72N60C3H1 IXYS-IXGN72N60C3H1 Datasheet
229Kb / 7P
High-Speed Low-Vsat PT IGBTs 40-100 kHz Switching
logo
Inchange Semiconductor ...
IXGN72N60C3H1 ISC-IXGN72N60C3H1 Datasheet
546Kb / 4P
IGBT
More results


Similar Description - IXGN72N60A3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA12N120A2 IXYS-IXGA12N120A2 Datasheet
584Kb / 5P
IGBT Optimized for switching up to 5KHz
IXGN400N30A3 IXYS-IXGN400N30A3 Datasheet
174Kb / 2P
Ultra-Low-Vsat PT IGBT for up to 10kHz Switching
MMIX1G120N120A3V1 IXYS-MMIX1G120N120A3V1 Datasheet
253Kb / 7P
Ultra-Low-Vsat PT IGBT for 3kHz Switching
MMIX1G320N60B3 IXYS-MMIX1G320N60B3 Datasheet
250Kb / 7P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
IXGA28N60A3 IXYS-IXGA28N60A3 Datasheet
259Kb / 6P
Ultra Low Vsat PT IGBT for up to 5kHz Switching
IXGR55N120A3H1 IXYS-IXGR55N120A3H1 Datasheet
101Kb / 2P
Ultra-Low-Vsat PT IGBTs for up to 3kHz Switching
IXGH50N60B4D1 IXYS-IXGH50N60B4D1 Datasheet
205Kb / 7P
Low-Vsat PT Trench IGBTs
IXGN82N120B3H1 IXYS-IXGN82N120B3H1 Datasheet
197Kb / 6P
High-Speed Low-Vsat PT IGBT for 3-20 kHz Switching
IXGN400N60B3 IXYS-IXGN400N60B3 Datasheet
181Kb / 6P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
logo
Inchange Semiconductor ...
IXYN110N120A4 ISC-IXYN110N120A4 Datasheet
527Kb / 3P
Ultra Low-Vsat IGBT
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com