Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-200 Datasheet (PDF) - AVX Corporation

Part # 9155-200
Description  Reduced Battery 2.5mm Pitch
File Size   765.2 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-200 Datasheet (PDF) - AVX Corporation



Similar Part No. - 9155-200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
logo
AVX Corporation
9155-700 AVX-9155-700 Datasheet
2Mb / 13P
Right Angle 2.0mm Pitch Connector
More results


Similar Description - 9155-200

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
060131MA SUYIN-USA-060131MA Datasheet
111Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA SUYIN-USA-250007MA Datasheet
124Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA003XX00XX SUYIN-USA-250007MA003XX00XX Datasheet
95Kb / 1P
2.5mm Pitch Battery Connector
250007MA003XX04XX SUYIN-USA-250007MA003XX04XX Datasheet
89Kb / 1P
2.5mm Pitch Battery Connector
250040MA004XX00XX SUYIN-USA-250040MA004XX00XX Datasheet
44Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250103MR SUYIN-USA-250103MR Datasheet
175Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA SUYIN-USA-250117MA Datasheet
145Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA003XX00XX SUYIN-USA-250117MA003XX00XX Datasheet
98Kb / 1P
2.5mm Pitch Battery
250117MA003XX04XX SUYIN-USA-250117MA003XX04XX Datasheet
78Kb / 1P
2.5mm Pitch Battery
logo
AVX Corporation
9155-000 AVX-9155-000 Datasheet
1Mb / 9P
Standard 2.5mm Pitch Battery
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com