Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3427M Datasheet (PDF) - Diodes Incorporated

Part # AP3427M
Description  DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
File Size   621.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3427M Datasheet (PDF) - Diodes Incorporated



Similar Part No. - AP3427M

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3421,A,B BCDSEMI-AP3421,A,B Datasheet
515Kb / 15P
1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421ADNTR-G1 BCDSEMI-AP3421ADNTR-G1 Datasheet
515Kb / 15P
1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421BDNTR-G1 BCDSEMI-AP3421BDNTR-G1 Datasheet
515Kb / 15P
1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421DNTR-G1 BCDSEMI-AP3421DNTR-G1 Datasheet
515Kb / 15P
1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
More results


Similar Description - AP3427M

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
logo
Analog Intergrations Co...
AIC2309 AIC-AIC2309 Datasheet
223Kb / 10P
1A Dual Synchronous Step-down DC/DC Converter
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com