Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB0053E Datasheet (PDF) - Hotchip Technology Co.,Ltd

Part # PB0053E
Description  1.2 A synchronous booster transfer, 1.2 A synchronous switch
File Size   686.92 Kbytes
Html View  1 
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

PB0053E Datasheet (PDF) - Hotchip Technology Co.,Ltd



Similar Part No. - PB0053E

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
SynchronIzatIon switch
PB0056E HOTCHIP-PB0056E Datasheet
1Mb / 8P
Boost output using intelligent thermostat technique
PB0059E HOTCHIP-PB0059E Datasheet
688Kb / 1P
2.1 A synchronous booster transfer, 2.1 A synchronous switch charging
PB0059E HOTCHIP-PB0059E Datasheet
979Kb / 10P
Mobile power management solution
Ver1.0
PB0059E HOTCHIP-PB0059E_V01 Datasheet
979Kb / 10P
Mobile power management solution
Ver1.0
More results


Similar Description - PB0053E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2119 AD-ADP2119 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
2 A, 1.2 V, Slew Rate Controlled Load Switch
22-Aug-11
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
1.2 A Buck LED Driver
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Hotchip Technology Co.,...
PB0059E HOTCHIP-PB0059E Datasheet
688Kb / 1P
2.1 A synchronous booster transfer, 2.1 A synchronous switch charging
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
2 A, 1.2 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
1.2 A Slew Rate Controlled Load Switch
06-Jul-2020
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
14-Sep-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com