Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WNMD2176 Datasheet (PDF) - Will Semiconductor Ltd.

Part # WNMD2176
Description  Dual N-Channel, 20V, 2.6A, Power MOSFET
File Size   977.0 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNMD2176 Datasheet (PDF) - Will Semiconductor Ltd.



Similar Part No. - WNMD2176

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WNMD2171 WILLSEMI-WNMD2171 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2171-4/TR WILLSEMI-WNMD2171-4/TR Datasheet
2Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2172 WILLSEMI-WNMD2172 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2172-8/TR WILLSEMI-WNMD2172-8/TR Datasheet
1Mb / 8P
Dual N-Channel, 20V, 7.0A, Power MOSFET
WNMD2173 WILLSEMI-WNMD2173 Datasheet
3Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
More results


Similar Description - WNMD2176

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Fairchild Semiconductor
FDG332PZ FAIRCHILD-FDG332PZ Datasheet
458Kb / 6P
P-Channel PowerTrench짰 MOSFET -20V, -2.6A, 97m廓
logo
Alpha & Omega Semicondu...
AOD3N40 AOSMD-AOD3N40 Datasheet
395Kb / 6P
400V,2.6A N-Channel MOSFET
AOD3N40 AOSMD-AOD3N40_13 Datasheet
2Mb / 6P
400V,2.6A N-Channel MOSFET
logo
Renesas Technology Corp
GWS4621L RENESAS-GWS4621L Datasheet
524Kb / 8P
Dual 20V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WNMD2090 WILLSEMI-WNMD2090 Datasheet
5Mb / 6P
Dual N-Channel, 20V, 0.62A, Power MOSFET
WNMD2162 WILLSEMI-WNMD2162 Datasheet
2Mb / 8P
Dual N-Channel, 20V, 4.8A, Power MOSFET
WNMD2173 WILLSEMI-WNMD2173 Datasheet
3Mb / 8P
Dual N-Channel, 20V, 6A, Power MOSFET
WNMD2181 WILLSEMI-WNMD2181 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 13A, Power MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com