Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3640 Datasheet (PDF) - Shanghai awinic technology co.,ltd

Part # AW3640
Description  200mA 1-Wire Configurable Front Flash LED Driver with Ultra Small Package
File Size   1477.04 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3640 Datasheet (PDF) - Shanghai awinic technology co.,ltd



Similar Part No. - AW3640

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW36402 AWINIC-AW36402 Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW36402 AWINIC-AW36402 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW36402 AWINIC-AW36402 Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
AW36404 AWINIC-AW36404 Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW36404 AWINIC-AW36404 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
More results


Similar Description - AW3640

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
4-Channel 1-Wire LED Driver in 3x3mm Package
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_10 Datasheet
175Kb / 9P
LED Driver with 1-Wire Dimming
logo
ams AG
AS3642 AMSCO-AS3642 Datasheet
2Mb / 27P
Ultra Small 500mA Inductive White LED Flash Driver
AS3644 AMSCO-AS3644 Datasheet
2Mb / 24P
Ultra Small Low Cost 320mA Inductive White LED Flash Driver
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
LED Driver with 1-Wire Dimming
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Will Semiconductor Ltd.
WD3100 WILLSEMI-WD3100 Datasheet
840Kb / 9P
200mA Flash/Torch LED Driver
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
White LED Driver with PWM Brightness Control in Small Package
logo
First Silicon Co., Ltd
FESD24VB17-1006 FS-FESD24VB17-1006 Datasheet
262Kb / 4P
Ultra small package
2021. 07. 01 Revision No : 0
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
Ultra small package
2021. 11. 01 Revision No : 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com