Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60TB30 Datasheet (PDF) - KIA Semiconductor Technology

Part # 60TB30
Description  FAST RECOVERY DIODE 60A竊?00V
File Size   196.48 Kbytes
Html View  1   2   3 
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

60TB30 Datasheet (PDF) - KIA Semiconductor Technology



Similar Part No. - 60TB30

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
60T NELLSEMI-60T Datasheet
302Kb / 4P
High current triac
60T NELLSEMI-60T Datasheet
302Kb / 4P
TRIACs
logo
VBsemi Electronics Co.,...
60T03AJ VBSEMI-60T03AJ Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Advanced Power Electron...
60T03GH A-POWER-60T03GH Datasheet
104Kb / 4P
Simple Drive Requirement
logo
VBsemi Electronics Co.,...
60T03GJ VBSEMI-60T03GJ Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - 60TB30

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
UGSP03J GULFSEMI-UGSP03J Datasheet
111Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
logo
Renesas Technology Corp
RJU60C3WDPP-M0 RENESAS-RJU60C3WDPP-M0_15 Datasheet
65Kb / 4P
600V - 60A - Dual Diode Fast Recovery Diode
logo
KIA Semiconductor Techn...
08TB70D KIA-08TB70D Datasheet
164Kb / 2P
FAST RECOVERY DIODE 8.0A竊?00V
15TB60 KIA-15TB60 Datasheet
36Kb / 2P
FAST RECOVERY DIODE 15A竊?00V
30TB40D KIA-30TB40D Datasheet
197Kb / 3P
FAST RECOVERY DIODE 30A竊?00V
08TB60B KIA-08TB60B Datasheet
37Kb / 2P
FAST RECOVERY DIODE 8.0A竊?00V
KCX3650A KIA-KCX3650A Datasheet
165Kb / 5P
60A竊?00V N-CHANNEL MOSFET
logo
Rohm
MH2107WZ ROHM-MH2107WZ Datasheet
233Kb / 3P
650V 60A Fast Recovery Diode
2019.08 - Rev.A
logo
ASEMI TECHNOLOGY., LTD
SFP6006 ASEMI-SFP6006 Datasheet
454Kb / 5P
60A super fast recovery diode
2018.11 Rev.3.1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com