Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55C10 Datasheet (PDF) - Silicon Supplies

Part # BZX55C10
Description  Silicon P lanar Zener diode in bare die form
File Size   313.84 Kbytes
Html View  1   2   3 
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55C10 Datasheet (PDF) - Silicon Supplies



Similar Part No. - BZX55C10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C10 VISHAY-BZX55C10 Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C10 SEME-LAB-BZX55C10 Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Fairchild Semiconductor
BZX55C10 FAIRCHILD-BZX55C10 Datasheet
23Kb / 1P
Series Half Watt Zeners
logo
Shanghai Lunsure Electr...
BZX55C10 CHENYI-BZX55C10 Datasheet
116Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Dc Components
BZX55C10 DCCOM-BZX55C10 Datasheet
199Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
More results


Similar Description - BZX55C10

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
Silicon Planar Zener diode in bare die form ??5% tolerance
1N4617 SS-1N4617 Datasheet
308Kb / 3P
Bare Die Zener Diode
54LVC1G34 SS-54LVC1G34 Datasheet
527Kb / 6P
Single Buffer Gate in bare die form
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
74AC14 SS-74AC14 Datasheet
568Kb / 5P
Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
54HC154 SS-54HC154 Datasheet
1Mb / 6P
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
74HC154 SS-74HC154 Datasheet
1Mb / 6P
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
78L05AC SS-78L05AC_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
78L05 SS-78L05_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
CD4148 SS-CD4148 Datasheet
1Mb / 3P
Small-Signal high speed switching diode in bare die form
Rev 1.0 22/01/19
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com