Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC908A Datasheet (PDF) - Analog Devices

Part # HMC908A
Description  9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
File Size   784.08 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC908A Datasheet (PDF) - Analog Devices



Similar Part No. - HMC908A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC908LC5 HITTITE-HMC908LC5 Datasheet
1Mb / 6P
GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
More results


Similar Description - HMC908A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC569LC5 HITTITE-HMC569LC5 Datasheet
228Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5_08 Datasheet
247Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_09 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC869LC5 HITTITE-HMC869LC5_10 Datasheet
678Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC908LC5 HITTITE-HMC908LC5 Datasheet
1Mb / 6P
GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
HMC568LC5 HITTITE-HMC568LC5_10 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
logo
Analog Devices
HMC951A AD-HMC951A Datasheet
645Kb / 31P
5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. 0 to Rev. A
HMC977 AD-HMC977 Datasheet
797Kb / 20P
GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
11/2019-v02.0815 to Rev. D
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com