Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1132PM5E Datasheet (PDF) - Analog Devices

Part # HMC1132PM5E
Description  27 GHz to 32 GHz, GaAs, pHEMT, MMIC Power Amplifier
File Size   349.46 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1132PM5E Datasheet (PDF) - Analog Devices



Similar Part No. - HMC1132PM5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
HMC1132LP5DE AD-HMC1132LP5DE Datasheet
694Kb / 15P
No external matching required
Rev. 0
HMC1132LP5DETR AD-HMC1132LP5DETR Datasheet
694Kb / 15P
No external matching required
Rev. 0
More results


Similar Description - HMC1132PM5E

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
27-29 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC499 HITTITE-HMC499 Datasheet
217Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC994 HITTITE-HMC994 Datasheet
587Kb / 10P
GaAs pHEMT MMIC 0.5 WATT POWER AMPLIFIER, DC - 32 GHz
HMC499 HITTITE-HMC499_09 Datasheet
263Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
logo
Analog Devices
ADPA7004CHIPS AD-ADPA7004CHIPS Datasheet
461Kb / 20P
40 GHz to 80 GHz, GaAs, pHEMT, MMIC, Wideband Power Amplifier
1/2021-Revision 0
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com